Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7835ASZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7835ASZ-REEL
Description  LC2MOS Quad 14-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7835ASZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7835ASZ-REEL Datasheet HTML 2Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 3Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 4Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 5Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 6Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 7Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 8Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 9Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7834/AD7835
Rev. D | Page 6 of 28
TIMING SPECIFICATIONS
VCC = 5 V ± 5%; VDD = 11.4 V to 15.75 V; VSS = −11.4 V to −15.75 V; AGND = DGND = 0 V1.
Table 4.
Parameter
Limit at TMIN, TMAX
Unit
Description
AD7834-SPECIFIC
t12
100
ns min
SCLK cycle time
t22
50
ns min
SCLK low
t32
30
ns min
SCLK high time
t4
30
ns min
FSYNC, PAEN setup time
t5
40
ns min
FSYNC, PAEN hold time
t6
30
ns min
Data setup time
t7
10
ns min
Data hold time
t8
0
ns min
LDAC to FSYNC setup time
t9
40
ns min
LDAC to FSYNC hold time
t21
20
ns min
Delay between write operations
AD7835-SPECIFIC
t11
15
ns min
A0, A1, A2, BYSHF to CS setup time
t12
15
ns min
A0, A1, A2, BYSHF to CS hold time
t13
0
ns min
CS to WR setup time
t14
0
ns min
CS to WR hold time
t15
40
ns min
WR pulse width
t16
40
ns min
Data setup time
t17
10
ns min
Data hold time
t18
0
ns min
LDAC to CS setup time
t19
0
ns min
CS to LDAC setup time
t20
0
ns min
LDAC to CS hold time
GENERAL
t10
40
ns min
LDAC, CLR pulse width
1 All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and time from a voltage level of 1.6 V.
2 Rise and fall times should be no longer than 50 ns.
t 1
t3
t10
t 21
t 9
t4
LDAC
(SIMULTANEOUS
UPDATE)
LDAC
(PER-CHANNEL
UPDATE)
1ST
CLK
2ND
CLK
24TH
CLK
t5
t 8
t2
D23
D22
t 7
t 6
D1
D0
SCLK
DIN
MSB
LSB
FSYNC
t12
t14
t17
t16
t15
t10
t18
t19
t11
t13
A0 A1 A2
CS
WR
DB0 TO DB13
LDAC
(SIMULTANEOUS
UPDATE)
LDAC
(PER-CHANNEL
UPDATE)
t20
BYSHF
Figure 3. AD7834 Timing Diagram
Figure 4. AD7835 Timing Diagram


Similar Part No. - AD7835ASZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7835AS AD-AD7835AS Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Similar Description - AD7835ASZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com