Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2010-E Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SB2010-E
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB2010-E Datasheet(HTML) 2 Page - Leshan Radio Company

  SB2010-E Datasheet HTML 1Page - Leshan Radio Company SB2010-E Datasheet HTML 2Page - Leshan Radio Company SB2010-E Datasheet HTML 3Page - Leshan Radio Company SB2010-E Datasheet HTML 4Page - Leshan Radio Company SB2010-E Datasheet HTML 5Page - Leshan Radio Company SB2010-E Datasheet HTML 6Page - Leshan Radio Company SB2010-E Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
SB202-E thru SB2010-E
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 6. – Typical Junction Capacitance
1
10
100
0
20
40
60
80
100
0.1
1
10
100
1000
100
10
10
1.0
0.1
0.01
0.001
60
30
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=75℃
Tj=25℃
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
0.01
100
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
0
25
50
75
100 125
150 175
2.0
1.0
0
Single phase
half wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm)
lead length


Similar Part No. - SB2010-E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SB2010 MCC-SB2010 Datasheet
205Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Leshan Radio Company
SB2010 LRC-SB2010 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
logo
Micro Commercial Compon...
SB2010 MCC-SB2010 Datasheet
219Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Leshan Radio Company
SB20100 LRC-SB20100 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
More results

Similar Description - SB2010-E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB202 LRC-SB202 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
SB302-E LRC-SB302-E Datasheet
207Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Hi-Sincerity Mocroelect...
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com