Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7921ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7921ARMZ
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD7921ARMZ Datasheet HTML 1Page - Analog Devices AD7921ARMZ Datasheet HTML 2Page - Analog Devices AD7921ARMZ Datasheet HTML 3Page - Analog Devices AD7921ARMZ Datasheet HTML 4Page - Analog Devices AD7921ARMZ Datasheet HTML 5Page - Analog Devices AD7921ARMZ Datasheet HTML 6Page - Analog Devices AD7921ARMZ Datasheet HTML 7Page - Analog Devices AD7921ARMZ Datasheet HTML 8Page - Analog Devices AD7921ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7911/AD7921
Rev. A | Page 4 of 28
Parameter
A Grade1
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
2.8
μs max
14 SCLK cycles with SCLK at 5 MHz
Track-and-Hold Acquisition Time2
290
ns max
Throughput Rate
250
kSPS max
POWER REQUIREMENTS
VDD
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
3
mA typ
VDD = 4.75 V to 5.25 V, SCLK on or off
1.5
mA typ
VDD = 2.35 V to 3.6 V, SCLK on or off
Normal Mode (Operational)
4
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 250 kSPS
2
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 250 kSPS
Full Power-Down Mode (Static)
1
μA max
SCLK on or off, typically 50 nA
Full Power-Down Mode (Dynamic)
0.38
mA typ
VDD = 5 V, fSCLK = 5 MHz, fSAMPLE = 25 kSPS
0.2
mA typ
VDD = 3 V, fSCLK = 5 MHz, fSAMPLE = 25 kSPS
Power Dissipation4
Normal Mode (Operational)
20
mW max
VDD = 5 V, fSAMPLE = 250 kSPS
6
mW max
VDD = 3 V, fSAMPLE = 250 kSPS
Full Power-Down
5
μW max
VDD = 5 V
1 Operational from VDD = 2 V, with VIH = 1.9 V minimum and VIL = 0.1 V maximum.
2 See the Terminology section.
3 Guaranteed by characterization.
4 See the Power vs. Throughput Rate section.


Similar Part No. - AD7921ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7921ARMZ-REEL AD-AD7921ARMZ-REEL Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7921ARMZ-REEL7 AD-AD7921ARMZ-REEL7 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results

Similar Description - AD7921ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com