Electronic Components Datasheet Search |
|
AP9970GK-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp. |
|
AP9970GK-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp. |
1 / 4 page Advanced Power N-CHANNEL ENHANCEMENT MODE Electronics Corp. POWER MOSFET ▼ Simple Drive Requirement BVDSS 60V ▼ Lower Gate Charge RDS(ON) 50mΩ ▼ Fast Switching Characteristic ID 5.8A ▼ RoHS Compliant & Halogen-Free Description Absolute Maximum Ratings Symbol Units VDS V VGS V ID@TA=25℃ A ID@TA=70℃ A IDM A PD@TA=25℃ W W/℃ TSTG ℃ TJ ℃ Symbol Value Unit Rthj-a Maximum Thermal Resistance, Junction-ambient 3 45 ℃/W Data and specifications subject to change without notice Halogen-Free Product 1 AP9970GK-HF Parameter Rating Drain-Source Voltage 60 Gate-Source Voltage +20 Continuous Drain Current 3 5.8 Continuous Drain Current 3 4.6 Pulsed Drain Current 1 30 Operating Junction Temperature Range -55 to 150 Linear Derating Factor 0.02 Storage Temperature Range Total Power Dissipation 2.8 -55 to 150 201204252 Thermal Data Parameter Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, low on-resistance and cost- effectiveness. G D S D D S G SOT-223 |
Similar Part No. - AP9970GK-HF |
|
Similar Description - AP9970GK-HF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |