Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58NVG1S3ETA00 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC58NVG1S3ETA00
Description  2 GBIT (256M x 8 BIT) CMOS NAND E2PROM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVG1S3ETA00 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC58NVG1S3ETA00 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 3Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 4Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 5Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 6Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 7Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 8Page - Toshiba Semiconductor TC58NVG1S3ETA00 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
TC58NVG1S3ETA00
2012-09-01C
4
VALID BLOCKS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
2008
2048
Blocks
NOTE:
The device occasionally contains unusable blocks. Refer to Application Note (13) toward the end of this document.
The first block (Block 0) is guaranteed to be a valid block at the time of shipment.
The specification for the minimum number of valid blocks is applicable over lifetime
The number of valid blocks is on the basis of single plane operations, and this may be decreased with two plane
operations.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7
3.6
V
VIH
High Level input Voltage
2.7 V
≤ VCC ≤ 3.6 V
Vcc x 0.8
VCC + 0.3
V
VIL
Low Level Input Voltage
2.7 V
≤ VCC ≤ 3.6 V
−0.3*
Vcc x 0.2
V
*
−2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta = 0 to 70℃, VCC = 2.7 to 3.6V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VCC
±10
μA
ILO
Output Leakage Current
VOUT = 0 V to VCC
±10
μA
ICCO1
Serial Read Current
CE
= VIL, IOUT = 0 mA, tcycle = 25 ns
30
mA
ICCO2
Programming Current
30
mA
ICCO3
Erasing Current
30
mA
ICCS
Standby Current
CE
= VCC − 0.2 V, WP = 0 V/VCC
50
μA
VOH
High Level Output Voltage
IOH = −0.1 mA
Vcc – 0.2
V
VOL
Low Level Output Voltage
IOL = 0.1 mA
0.2
V
IOL
(
BY
/
RY
)
Output current of
BY
/
RY
pin
VOL = 0.2 V
4
mA


Similar Part No. - TC58NVG1S3ETA00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results

Similar Description - TC58NVG1S3ETA00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG2S3ETA00 TOSHIBA-TC58NVG2S3ETA00 Datasheet
499Kb / 70P
   4 GBIT (512M x 8 BIT) CMOS NAND E2PROM
TH58BYG3S0HBAI4 TOSHIBA-TH58BYG3S0HBAI4 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HBAI6 TOSHIBA-TH58BVG3S0HBAI6 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HTAI0 TOSHIBA-TH58BVG3S0HTAI0 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HBAI4 TOSHIBA-TH58BVG3S0HBAI4 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TC58NYG1S3EBAI5 TOSHIBA-TC58NYG1S3EBAI5 Datasheet
489Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 2 GBIT (256M 횞 8 BIT) CMOS NAND E2PROM
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59D2G81XA ESMT-F59D2G81XA Datasheet
2Mb / 84P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com