Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3016IPWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL3016IPWG4
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3016IPWG4 Datasheet(HTML) 2 Page - Texas Instruments

  TL3016IPWG4 Datasheet HTML 1Page - Texas Instruments TL3016IPWG4 Datasheet HTML 2Page - Texas Instruments TL3016IPWG4 Datasheet HTML 3Page - Texas Instruments TL3016IPWG4 Datasheet HTML 4Page - Texas Instruments TL3016IPWG4 Datasheet HTML 5Page - Texas Instruments TL3016IPWG4 Datasheet HTML 6Page - Texas Instruments TL3016IPWG4 Datasheet HTML 7Page - Texas Instruments TL3016IPWG4 Datasheet HTML 8Page - Texas Instruments TL3016IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TL3016Y chip information
This chip displays characteristics similar to the TL3016C. Thermal compression or ultrasonic bonding may be
used on the doped-aluminum bonding pads. Chips may be mounted with conductive epoxy or a gold-silicon
preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 10 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
TERMINALS 1 AND 6 CAN BE
CONNECTED TO MULTIPLE PADS.
Q OUT
IN–
IN+
LATCH ENABLE
Q OUT
(5)
(2)
(3)
(1)
(6)
VCC+
GND
(7)
(8)
+
55
63
VCC –
(4)
(1)
(4)
(3)
(2)
(5)
(1)
(1)
(8)
(7)
(6)
(6)
(6)
COMPONENT COUNT
Bipolars
53
MOSFETs
49
Resistors
46
Capacitors
14


Similar Part No. - TL3016IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016IPWLE TI-TL3016IPWLE Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3016IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com