Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9977GH-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9977GH-HF
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9977GH-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9977GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9977GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9977GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9977GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
60V
▼ Single Drive Requirement
RDS(ON)
100mΩ
▼ Surface Mount Package
ID
11A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
6
/W
Rthj-a
62.5
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
110
/W
Data and specifications subject to change without notice
Total Power Dissipation
21
-55 to 150
200901134
Thermal Data
Parameter
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.17
Storage Temperature Range
Continuous Drain Current, VGS @ 10V
6.8
Pulsed Drain Current
1
45
60
Gate-Source Voltage
+25
Continuous Drain Current, VGS @ 10V
11
Halogen-Free Product
1
AP9977GH/J-HF
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Parameter
Rating
Drain-Source Voltage
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-
effectiveness.
G
D
S
The TO-252 package is widely preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters. The through-hole version (AP9977GJ) are
available for low-profile applications.
G
D
S
TO-251(J)
G
D
S
TO-252(H)


Similar Part No. - AP9977GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9977GH-HF A-POWER-AP9977GH-HF Datasheet
102Kb / 5P
   Simple Drive Requirement
logo
SHENZHEN DOINGTER SEMIC...
AP9977GH-HF DOINGTER-AP9977GH-HF Datasheet
801Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Advanced Power Electron...
AP9977GH-HF A-POWER-AP9977GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9977GH-HF A-POWER-AP9977GH-HF_16 Datasheet
102Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9977GH-HF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com