Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB34NM60ND Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB34NM60ND
Description  N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB34NM60ND Datasheet(HTML) 3 Page - STMicroelectronics

  STB34NM60ND Datasheet HTML 1Page - STMicroelectronics STB34NM60ND Datasheet HTML 2Page - STMicroelectronics STB34NM60ND Datasheet HTML 3Page - STMicroelectronics STB34NM60ND Datasheet HTML 4Page - STMicroelectronics STB34NM60ND Datasheet HTML 5Page - STMicroelectronics STB34NM60ND Datasheet HTML 6Page - STMicroelectronics STB34NM60ND Datasheet HTML 7Page - STMicroelectronics STB34NM60ND Datasheet HTML 8Page - STMicroelectronics STB34NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STB34NM60ND, STF34NM60ND, STP34NM60ND, STW34NM60ND
Electrical ratings
Doc ID 18099 Rev 5
3/22
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D2PAK, TO-220, TO-247
TO-220FP
VDS
Drain-source voltage
600
V
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at
TC = 25 °C
29
29(1)
1.
Current limited by package
A
ID
Drain current (continuous) at
TC = 100 °C
18
18(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
116
116(1)
A
PTOT
Total dissipation at TC = 25 °C
190
40
W
VISO
Insulation withstand voltage (RMS)
from all three leads to external heat
sink (t=1 s;TC=25 °C)
2500
V
dv/dt(3)
3.
ISD ≤ 29 A, di/dt ≤ 600 A/µs, VDD = 80% V(BR)DSS,VDSPeak < V(BR)DSS
Peak diode recovery voltage slope
40
V/ns
Tstg
Storage temperature
- 55 to 150
°C
TJ
Max. operating junction temperature
150
Table 3.
Thermal data
Symbol
Parameter
TO-220 TO-247 D2PAK
TO-220FP
Unit
Rthj-case Thermal resistance junction-case max
0.66
3.1
°C/W
Rthj-amb
Thermal resistance junction-ambient
max
62.5
50
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu.
Thermal resistance junction-pcb max
30
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max)
7A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
345
mJ


Similar Part No. - STB34NM60ND

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB34NM60ND ISC-STB34NM60ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB34NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STB28NM60ND STMICROELECTRONICS-STB28NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.13 廓 typ., 23 A FDmesh??II Power MOSFETs in D짼PAK, TO-220FP, TO-220 and TO-247 packages
May 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com