Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS420-600B-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS420-600B-TR
Description  Sensitive gate 4 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420-600B-TR Datasheet(HTML) 1 Page - STMicroelectronics

  TS420-600B-TR Datasheet HTML 1Page - STMicroelectronics TS420-600B-TR Datasheet HTML 2Page - STMicroelectronics TS420-600B-TR Datasheet HTML 3Page - STMicroelectronics TS420-600B-TR Datasheet HTML 4Page - STMicroelectronics TS420-600B-TR Datasheet HTML 5Page - STMicroelectronics TS420-600B-TR Datasheet HTML 6Page - STMicroelectronics TS420-600B-TR Datasheet HTML 7Page - STMicroelectronics TS420-600B-TR Datasheet HTML 8Page - STMicroelectronics TS420-600B-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2010
Doc ID 5203 Rev 4
1/11
11
TS420
Sensitive gate 4 A SCRs
Features
On-state rms current, 4 A
Repetitive peak off-state voltages,
600 and 700 V
Triggering gate current, 0.2 mA
Description
Thanks to highly sensitive triggering levels, the
TS420 series is suitable for all applications where
the available gate current is limited, such as motor
control for hand tools, kitchen aids, overvoltage
crowbar protection for low power supplies among
others.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space area.
A
K
G
A
A
K
G
A
K
G
A
A
K
G
A
DPAK
TS420-B
IPAK
TS420-H
TO-220AB
TS420-T
Table 1.
Device summary
Order code
Voltage (xxx)
Sensitivity
Package
600 V
700 V
TS420-xxxB
X
X
0.2 mA
DPAK
TS420-xxxH
X
X
0.2 mA
IPAK
TS420-xxxT
X
X
0.2 mA
TO-220AB
www.st.com


Similar Part No. - TS420-600B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS420-600B-TR STMICROELECTRONICS-TS420-600B-TR Datasheet
139Kb / 8P
   4A SCRs
More results

Similar Description - TS420-600B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com