Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS420-700H Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS420-700H
Description  Sensitive gate 4 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420-700H Datasheet(HTML) 4 Page - STMicroelectronics

  TS420-700H Datasheet HTML 1Page - STMicroelectronics TS420-700H Datasheet HTML 2Page - STMicroelectronics TS420-700H Datasheet HTML 3Page - STMicroelectronics TS420-700H Datasheet HTML 4Page - STMicroelectronics TS420-700H Datasheet HTML 5Page - STMicroelectronics TS420-700H Datasheet HTML 6Page - STMicroelectronics TS420-700H Datasheet HTML 7Page - STMicroelectronics TS420-700H Datasheet HTML 8Page - STMicroelectronics TS420-700H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
TS420
4/11
Doc ID 5203 Rev 4
Figure 1.
Maximum average power
dissipation versus average on-state
current
Figure 2.
Average and DC on-state current
versus case temperature
0.00.5
1.0
1.5
2.0
2.53.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
P(W)
I
(A)
T(AV)
α = 180°
360°
α
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(A)
T(AV)
T
(°C)
case
α = 180°
DC
Figure 3.
Average and DC on-state current
versus ambient temperature
(DPAK)
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (DPAK)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
(A)
T(AV)
T
(°C)
amb
α = 180°
α = 180°
DPAK (S = 0.5cm )
2
IPAK
DC
DC
Device mounted on FR4 with
recommended pad layout
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z
/R
]
th(j-c)
th(j-c)
t (s)
p
Zth(j-c)
Zth(j-a)
Device mounted on FR4 with
recommended pad layout
Figure 5.
Relative variation of gate trigger
current and holding current versus
junction temperature
Figure 6.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH and I
R
= 1k
L
GK
Ω
R(k )
GK
Ω
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
Tj = 25°C
5
4
1E-2
1E-1
1E+0
1E+1
3
2
1
0


Similar Part No. - TS420-700H

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TS420-700H KERSEMI-TS420-700H Datasheet
469Kb / 8P
   4A SCRs
logo
STMicroelectronics
TS420-700H-TR STMICROELECTRONICS-TS420-700H-TR Datasheet
139Kb / 8P
   4A SCRs
More results

Similar Description - TS420-700H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com