Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS420-700T Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS420-700T
Description  Sensitive gate 4 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420-700T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS420-700T Datasheet HTML 3Page - STMicroelectronics TS420-700T Datasheet HTML 4Page - STMicroelectronics TS420-700T Datasheet HTML 5Page - STMicroelectronics TS420-700T Datasheet HTML 6Page - STMicroelectronics TS420-700T Datasheet HTML 7Page - STMicroelectronics TS420-700T Datasheet HTML 8Page - STMicroelectronics TS420-700T Datasheet HTML 9Page - STMicroelectronics TS420-700T Datasheet HTML 10Page - STMicroelectronics TS420-700T Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
TS420
10/11
Doc ID 5203 Rev 4
4
Ordering information
5
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
TS420-600B
TS420600
DPAK
0.3 g
75
Tube
TS420-600B-TR
TS420600
2500
Tape and reel
TS420-600H
TS420600
IPAK
0.4 g
75
Tube
TS420-600T
TS420600T
TO-220AB
2.3 g
50
Tube
TS420-700B
TS420700
DPAK
0.3 g
75
Tube
TS420-700B-TR
TS420700
2500
Tape and reel
TS420-700H
TS420700
IPAK
0.4 g
75
Tube
TS420-700T
TS420700T
TO-220AB
2.3 g
50
Tube
Table 10.
Document revision history
Date
Revision
Changes
Sep-2000
3
Previous release.
26-Jan-2010
4
Updated package illustration for TO-220AB on front page and
Table 8. Added Table 3.


Similar Part No. - TS420-700T

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TS420-700T KERSEMI-TS420-700T Datasheet
469Kb / 8P
   4A SCRs
logo
STMicroelectronics
TS420-700T-TR STMICROELECTRONICS-TS420-700T-TR Datasheet
139Kb / 8P
   4A SCRs
More results

Similar Description - TS420-700T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com