Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320F28069UPFPA Datasheet(PDF) 2 Page - Texas Instruments

Part # TMX320F28069UPFPA
Description  Piccolo Microcontrollers
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320F28069UPFPA Datasheet(HTML) 2 Page - Texas Instruments

  TMX320F28069UPFPA Datasheet HTML 1Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 2Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 3Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 4Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 5Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 6Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 7Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 8Page - Texas Instruments TMX320F28069UPFPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 173 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012
www.ti.com
• Up to 54 Individually Programmable,
• 2806x Packages
Multiplexed GPIO Pins With Input Filtering
– 80-Pin PFP and 100-Pin PZP PowerPAD™
• Advanced Emulation Features
Thermally Enhanced Thin Quad Flatpacks
(HTQFPs)
– Analysis and Breakpoint Functions
– 80-Pin PN and 100-Pin PZ Low-Profile Quad
– Real-Time Debug via Hardware
Flatpacks (LQFPs)
1.2
Description
The F2806x Piccolo™ family of microcontrollers provides the power of the C28x™ core and Control Law
Accelerator (CLA) coupled with highly integrated control peripherals in low pin-count devices. This family
is code-compatible with previous C28x-based code, as well as providing a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the
HRPWM module to allow for dual-edge control (frequency modulation). Analog comparators with internal
10-bit references have been added and can be routed directly to control the PWM outputs. The ADC
converts from 0 to 3.3-V fixed full scale range and supports ratio-metric VREFHI/VREFLO references. The
ADC interface has been optimized for low overhead and latency.
2
TMS320F2806x ( Piccolo™) MCUs
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMX320F28069UPFPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320F28069UPFPA TI-TMX320F28069UPFPA Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMX320F28069UPFPA TI1-TMX320F28069UPFPA Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMX320F28069UPFPA TI1-TMX320F28069UPFPA Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMX320F28069UPFPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com