Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9640ABCPZ-80 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9640ABCPZ-80
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640ABCPZ-80 Datasheet(HTML) 3 Page - Analog Devices

  AD9640ABCPZ-80 Datasheet HTML 1Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 2Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 3Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 4Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 5Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 6Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 7Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 8Page - Analog Devices AD9640ABCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AD9640
Rev. B | Page 3 of 52
REVISION HISTORY
12/09—Rev. A to Rev. B
Added CP-64-6 Package .................................................... Universal
Changes to Ordering Guide...........................................................51
6/09—Rev. 0 to Rev. A
Changes to Applications Section and Product
Highlights Section.............................................................................1
Changes to General Description Section .......................................3
Changes to Specifications Section...................................................4
Changes to Figure 2.........................................................................11
Changes to Figure 3.........................................................................12
Changes to Pin Configurations and Functional
Descriptions Section .......................................................................12
Changes to Figure 11, Figure 12, Figure 14 .................................18
Change to Table 15..........................................................................30
Changes to ADC Overrange and Gain Control Section............31
Changes to Signal Monitor Section ..............................................34
Changes to Table 25 ........................................................................42
Changes to Signal Monitor Period (Register 0x113 to
Register 0x115) Section ..................................................................47
Added LVDS Operation Section ...................................................48
Added Exposed Pad Notation to Outline Dimensions ..............49
6/07—Revision 0: Initial Version


Similar Part No. - AD9640ABCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Similar Description - AD9640ABCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com