Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBC Datasheet(PDF) 5 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 5 Page - Analog Devices

  AD9789BBC Datasheet HTML 1Page - Analog Devices AD9789BBC Datasheet HTML 2Page - Analog Devices AD9789BBC Datasheet HTML 3Page - Analog Devices AD9789BBC Datasheet HTML 4Page - Analog Devices AD9789BBC Datasheet HTML 5Page - Analog Devices AD9789BBC Datasheet HTML 6Page - Analog Devices AD9789BBC Datasheet HTML 7Page - Analog Devices AD9789BBC Datasheet HTML 8Page - Analog Devices AD9789BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
AD9789
Rev. A | Page 5 of 76
DIGITAL SPECIFICATIONS
AVDD33 = DVDD33 = 3.3 V, CVDD18 = DVDD18 = 1.8 V, DVDD15 = 1.5 V, fDAC = 2.4 GHz, IFS = 20 mA, LVDS drivers and receivers
are compliant with the IEEE Std 1596.3-1996 reduced range link, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
CMOS DATA INPUTS (D[31:0], P0, P1)
Input Voltage High, VIH
2.0
3.3
V
Input Voltage Low, VIL
0
0.8
V
Input Current High, IIH
−10
+10
μA
Input Current Low, IIL
−10
+10
μA
Input Capacitance
2
pF
Setup Time, CMOS Data Input to CMOS_DCO1
5.3
ns
Hold Time, CMOS Data Input to CMOS_DCO1
−1.4
ns
CMOS OUTPUTS (CMOS_FS, CMOS_DCO)
Output Voltage High, VOH
2.4
3.3
V
Output Voltage Low, VOL
0
0.4
V
Output Current High, IOH
12
mA
Output Current Low, IOL
12
mA
Maximum Clock Rate (CMOS_DCO)
150
MHz
CMOS_DCO to CMOS_FS Delay
0.28
0.85
ns
LVDS DATA INPUTS (D[15:0]P, D[15:0]N, PARP, PARN)
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH, VIDTHL
25
mV
Input Differential Input Impedance, RIN
80
120
Ω
Maximum LVDS Input Rate
150
MSPS
Setup Time, LVDS Differential Input Data to Differential DCOx2
1.41
ns
Hold Time, LVDS Differential Input Data to Differential DCOx2
0.24
ns
LVDS OUTPUTS (DCOP, DCON, FSP, FSN)
DCOP, FSP = VOA; DCON, FSN = VOB; 100 Ω Termination
Output Voltage High, VOA or VOB
1375
mV
Output Voltage Low, VOA or VOB
1025
mV
Output Differential Voltage, |VOD|
150
200
250
mV
Output Offset Voltage, VOS
1150
1250
mV
Output Impedance, Single Ended, RO
40
140
Ω
RO Mismatch Between A and B, ∆RO
10
%
Change in |VOD| Between 0 and 1, |∆VOD|
25
mV
Change in VOS Between 0 and 1, ∆VOS
25
mV
Output Current—Driver Shorted to Ground, ISA, ISB
20
mA
Output Current—Drivers Shorted Together, ISAB
4
mA
Power-Off Output Leakage, |IXA|, |IXB|
10
mA
Maximum Clock Rate (DCOP, DCON)
150
MHz
DCOx to FSx Delay
0.12
0.37
ns
DAC CLOCK INPUT (CLKP, CLKN)3
Differential Peak Voltage
1.4
1.8
V
Common-Mode Voltage
900
mV
DAC Clock Rate
2400
MHz
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (fSCLK, 1/tSCLK)
25
MHz
Minimum Pulse Width High, tPWH
20
ns
Minimum Pulse Width Low, tPWL
20
ns
Minimum SDIO and CS to SCLK Setup, tDS
10
ns


Similar Part No. - AD9789BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
   14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
More results

Similar Description - AD9789BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
   14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD1954YSTZ AD-AD1954YSTZ Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1953 AD-AD1953 Datasheet
750Kb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1953 AD-AD1953_15 Datasheet
760Kb / 36P
   SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1954 AD-AD1954_15 Datasheet
1Mb / 36P
   SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954 AD-AD1954 Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1980 AD-AD1980 Datasheet
750Kb / 32P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com