Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9834BRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9834BRUZ
Description  20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834BRUZ Datasheet(HTML) 1 Page - Analog Devices

  AD9834BRUZ Datasheet HTML 1Page - Analog Devices AD9834BRUZ Datasheet HTML 2Page - Analog Devices AD9834BRUZ Datasheet HTML 3Page - Analog Devices AD9834BRUZ Datasheet HTML 4Page - Analog Devices AD9834BRUZ Datasheet HTML 5Page - Analog Devices AD9834BRUZ Datasheet HTML 6Page - Analog Devices AD9834BRUZ Datasheet HTML 7Page - Analog Devices AD9834BRUZ Datasheet HTML 8Page - Analog Devices AD9834BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
20 mW Power, 2.3 V to 5.5 V,
75 MHz Complete DDS
AD9834
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Narrow-band SFDR >72 dB
2.3 V to 5.5 V power supply
Output frequency up to 37.5 MHz
Sine output/triangular output
On-board comparator
3-wire SPI® interface
Extended temperature range: −40°C to +105°C
Power-down option
20 mW power consumption at 3 V
20-lead TSSOP
APPLICATIONS
Frequency stimulus/waveform generation
Frequency phase tuning and modulation
Low power RF/communications systems
Liquid and gas flow measurement
Sensory applications: proximity, motion, and defect
detection
Test and medical equipment
GENERAL DESCRIPTION
The AD9834 is a 75 MHz low power DDS device capable of
producing high performance sine and triangular outputs. It also
has an on-board comparator that allows a square wave to be
produced for clock generation. Consuming only 20 mW of power
at 3 V makes the AD9834 an ideal candidate for power-sensitive
applications.
Capability for phase modulation and frequency modulation is
provided. The frequency registers are 28 bits; with a 75 MHz clock
rate, resolution of 0.28 Hz can be achieved. Similarly, with a 1 MHz
clock rate, the AD9834 can be tuned to 0.004 Hz resolution.
Frequency and phase modulation are affected by loading registers
through the serial interface and toggling the registers using
software or the FSELECT pin and PSELECT pin, respectively.
The AD9834 is written to using a 3-wire serial interface. This
serial interface operates at clock rates up to 40 MHz and is
compatible with DSP and microcontroller standards.
The device operates with a power supply from 2.3 V to 5.5 V.
The analog and digital sections are independent and can be run
from different power supplies, for example, AVDD can equal
5 V with DVDD equal to 3 V.
The AD9834 has a power-down pin (SLEEP) that allows
external control of the power-down mode. Sections of the
device that are not being used can be powered down to
minimize the current consumption. For example, the DAC can
be powered down when a clock output is being generated.
The part is available in a 20-lead TSSOP.
FUNCTIONAL BLOCK DIAGRAM
12
Σ
MUX
MUX
COMPARATOR
MSB
CAP/2.5V
DVDD
AGND
AVDD
MCLK
AD9834
FSYNC
SCLK
SDATA
COMP
IOUT
IOUTB
DGND
REGULATOR
REFOUT FS ADJUST
VIN
FSELECT
12-BIT PHASE0 REG
12-BIT PHASE1 REG
SLEEP RESET
PSELECT
MUX
MUX
MUX
SIGN BIT OUT
VCC
2.5V
ON-BOARD
REFERENCE
16-BIT CONTROL
REGISTER
FULL-SCALE
CONTROL
10-BIT
DAC
DIVIDED
BY 2
SIN
ROM
PHASE
ACCUMULATOR
(28-BIT)
28-BIT FREQ0
REG
28-BIT FREQ1
REG
SERIAL INTERFACE
AND
CONTROL LOGIC
Figure 1.


Similar Part No. - AD9834BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ-REEL AD-AD9834BRUZ-REEL Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ-REEL7 AD-AD9834BRUZ-REEL7 Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
More results

Similar Description - AD9834BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834 Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9833 AD-AD9833 Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9837 AD-AD9837 Datasheet
974Kb / 28P
   Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com