Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS165N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74ALS165N
Description  8-Bit Parallel In/Serial Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS165N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS165N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS165N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS165N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS165N Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS165N Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS165N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typical values are at VCC = 5V, TA = 25°C.
Note 3: The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
Note 4: With the outputs open, CLK INH and CLK at 4.5V, and a clock pulse applied to the SH/LD input, ICC is measured first with the parallel inputs at 4.5V,
then with the parallel inputs grounded.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
74.0
°C/W
M Package
104.0
°C/W
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLOCK
Clock Frequency
45
MHz
tW
Pulse Duration
CLK HIGH
11
CLK LOW
11
ns
Load
12
tSU
Setup Time
SH/LD
10
ns
Data
10
tSU
Setup Time
CLK INH
↓ before CLK
11
ns
Serial before CLK
10
tH
Hold Time
4
ns
TA
Operating Free Air Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
(Note 2)
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 4 mA
0.25
0.4
V
Output Voltage
IOL = 8 mA
0.35
0.5
II
Input Current at Max Input Voltage VCC = 5.5V, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VI = 0.4V
−0.1
mA
IO (Note 3) Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V (Note 4)
16
24
mA


Similar Part No. - DM74ALS165N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS161B FAIRCHILD-DM74ALS161B Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BM FAIRCHILD-DM74ALS161BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BN FAIRCHILD-DM74ALS161BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BM FAIRCHILD-DM74ALS162BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BN FAIRCHILD-DM74ALS162BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
More results

Similar Description - DM74ALS165N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com