Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC181256U111 Datasheet(PDF) 3 Page - AVX Corporation

Part # VC181256U111
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC181256U111 Datasheet(HTML) 3 Page - AVX Corporation

  VC181256U111 Datasheet HTML 1Page - AVX Corporation VC181256U111 Datasheet HTML 2Page - AVX Corporation VC181256U111 Datasheet HTML 3Page - AVX Corporation VC181256U111 Datasheet HTML 4Page - AVX Corporation VC181256U111 Datasheet HTML 5Page - AVX Corporation VC181256U111 Datasheet HTML 6Page - AVX Corporation VC181256U111 Datasheet HTML 7Page - AVX Corporation VC181256U111 Datasheet HTML 8Page - AVX Corporation VC181256U111 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
ELECTRICAL CHARACTERISTICS
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
IP
Cap
Freq
Case
VC060303A100
3.3
2.3
5.0±20%
12
1
100
0.1
30
1450
K
0603
VC080503A100
3.3
2.3
5.0±20%
12
1
100
0.1
40
1400
K
0805
VC080503C100
3.3
2.3
5.0±20%
12
1
100
0.3
120
5000
K
0805
VC120603A100
3.3
2.3
5.0±20%
12
1
100
0.1
40
1250
K
1206
VC120603D100
3.3
2.3
5.0±20%
12
1
100
0.4
150
4700
K
1206
VA100003A100
3.3
2.3
5.0±20%
12
1
100
0.1
40
1500
K
1000
VA100003D100
3.3
2.3
5.0±20%
12
1
100
0.4
150
4700
K
1000
VC040205X150
5.6
4.0
8.5±20%
18
1
35
0.05
20
175
M
0402
VC060305A150
5.6
4.0
8.5±20%
18
1
35
0.1
30
750
K
0603
VC080505A150
5.6
4.0
8.5±20%
18
1
35
0.1
40
1100
K
0805
VC080505C150
5.6
4.0
8.5±20%
18
1
35
0.3
120
3000
K
0805
VC120605A150
5.6
4.0
8.5±20%
18
1
35
0.1
40
1200
K
1206
VC120605D150
5.6
4.0
8.5±20%
18
1
35
0.4
150
3000
K
1206
VA100005A150
5.6
4.0
8.5±20%
18
1
35
0.1
40
1000
K
1000
VA100005D150
5.6
4.0
8.5±20%
18
1
35
0.4
150
2800
K
1000
VC040209X200
9.0
6.4
12.7±15%
22
1
25
0.05
20
175
M
0402
VC060309A200
9.0
6.4
12.7±15%
22
1
25
0.1
30
550
K
0603
VC080509A200
9.0
6.4
12.7±15%
22
1
25
0.1
40
750
K
0805
VC080512A250
12.0
8.5
16±15%
27
1
25
0.1
40
525
K
0805
VC040214X300
14.0
10.0
18.5±12%
32
1
15
0.05
20
85
K
0402
VC060314A300
14.0
10.0
18.5±12%
32
1
15
0.1
30
350
K
0603
VC080514A300
14.0
10.0
18.5±12%
32
1
15
0.1
40
325
K
0805
VC080514C300
14.0
10.0
18.5±12%
32
1
15
0.3
120
900
K
0805
VC120614A300
14.0
10.0
18.5±12%
32
1
15
0.1
40
600
K
1206
VC120614D300
14.0
10.0
18.5±12%
32
1
15
0.4
150
1050
K
1206
VA100014A300
14.0
10.0
18.5±12%
32
1
15
0.1
40
325
K
1000
VA100014D300
14.0
10.0
18.5±12%
32
1
15
0.4
150
1100
K
1000
VC13MA0160KBA
16.0
14.0
24.5±10%
40
2.5
25
1.6
400
1800
K
1210
VC121016J390
16.0
13.0
25.5±10%
40
2.5
10
1.6
500
3100
K
1210
VC181216P400
16.0
11.0
24.5±10%
42
5
10
2.9
1000
5000
K
1812
VC222016Y400
16
11
24.5±10%
42
10
10
7.2
1500
13000
K
2220
VC040218X400
18.0
13.0
25.5±10%
42
1
10
0.05
20
65
M
0402
VC060318A400
18.0
13.0
25.5±10%
42
1
10
0.1
30
150
K
0603
VC080518A400
18.0
13.0
25.5±10%
42
1
10
0.1
30
225
K
0805
VC080518C400
18.0
13.0
25.5±10%
42
1
10
0.3
100
550
K
0805
VC120618A400
18.0
13.0
25.5±10%
42
1
10
0.1
30
350
K
1206
VC120618D400
18.0
13.0
25.5±10%
42
1
10
0.4
150
900
K
1206
VC120618E380
18.0
13.0
25.5±10%
38
1
15
0.5
200
930
K
1206
VC121018J390
18.0
13.0
25.5±10%
42
5
10
1.6
500
3100
K
1210
VJ13MC0180KBA
18.0
13.0
24.0±10%
45
10
25
1.5
500
3000
K
1210
VA100018A400
18.0
13.0
25.5±10%
42
1
10
0.1
40
350
K
1000
VA100018D400
18.0
13.0
25.5±10%
42
1
10
0.4
150
900
K
1000
VC121022R440
22.0
17.0
27±10%
44
2.5
10
1.7
400
1600
K
1210
VC060326A580
26.0
18.0
34.5±10%
60
1
10
0.1
30
155
K
0603
VC080526A580
26.0
18.0
34.5±10%
60
1
10
0.1
30
120
K
0805
VC080526C580
26.0
18.0
34.5±10%
60
1
10
0.3
100
250
K
0805


Similar Part No. - VC181256U111

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC181256U111 AVX-VC181256U111 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181256U111 AVX-VC181256U111 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181256U111 AVX-VC181256U111 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181256U111 AVX-VC181256U111 Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181256U111 AVX-VC181256U111 Datasheet
502Kb / 10P
   TransGuard AVX Multilater Ceramic Transient Vltage Sppressors
More results

Similar Description - VC181256U111

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com