Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG711BRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADG711BRUZ
Description  CMOS Low Voltage, 4 廓 Quad, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG711BRUZ Datasheet(HTML) 1 Page - Analog Devices

  ADG711BRUZ Datasheet HTML 1Page - Analog Devices ADG711BRUZ Datasheet HTML 2Page - Analog Devices ADG711BRUZ Datasheet HTML 3Page - Analog Devices ADG711BRUZ Datasheet HTML 4Page - Analog Devices ADG711BRUZ Datasheet HTML 5Page - Analog Devices ADG711BRUZ Datasheet HTML 6Page - Analog Devices ADG711BRUZ Datasheet HTML 7Page - Analog Devices ADG711BRUZ Datasheet HTML 8Page - Analog Devices ADG711BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS Low Voltage, 4 Ω Quad,
SPST Switches
ADG711/ADG712/ADG713
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
Low on resistance (2.5 Ω Typ)
Low on resistance flatness
−3 dB bandwidth > 200 MHz
Rail-to-rail operation
16-lead TSSOP and SOIC packages
Fast switching times: tON =16 ns, tOFF =10 ns
Typical power consumption (< 0.01 μW)
TTL/CMOS compatible
Qualified for automotive applications
APPLICATIONS
USB 1.1 signal switching circuits
Cell phones
PDAs
Battery-powered systems
Communication systems
Sample hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
SWITCHES SHOWN FOR A LOGIC “1” INPUT
ADG711
S4
D4
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
ADG712
S4
D4
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
ADG713
S4
D4
Figure 1.
GENERAL DESCRIPTION
The ADG711, ADG712, and ADG713 are monolithic CMOS
devices containing four independently selectable switches. These
switches are designed on an advanced submicron process that
provides low power dissipation yet gives high switching speed, low
on resistance, low leakage currents, and high bandwidth.
They are designed to operate from a single 1.8 V to 5.5 V supply,
making them ideal for use in battery-powered instruments and
with the new generation of DACs and ADCs from Analog Devices,
Inc. Fast switching times and high bandwidth make the parts
suitable for switching USB 1.1 data signals and video signals.
The ADG711, ADG712, and ADG713 contain four independent
single-pole/single-throw (SPST) switches. The ADG711 and
ADG712 differ only in that the digital control logic is inverted. The
ADG711 switches are turned on with a logic low on the appropriate
control input, while a logic high is required to turn on the switches
of the ADG712. The ADG713 contains two switches whose digital
control logic is similar to the ADG711, while the logic is inverted
on the other two switches.
Each switch conducts equally well in both directions when On. The
ADG713 exhibits break-before-make switching action.
The ADG711/ADG712/ADG713 are available in 16-lead TSSOP
and 16-lead SOIC packages.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation.
The ADG711, ADG712, and ADG713 offer high performance
and are fully specified and guaranteed with 3 V and 5 V
supply rails.
2.
Very Low RON (4.5 Ω maximum at 5 V, 8 Ω maximum at 3 V).
At supply voltage of 1.8 V, RON is typically 35 Ω over the
temperature range.
3.
Low On Resistance Flatness.
4.
−3 dB Bandwidth >200 MHz.
5.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
6.
Fast tON/tOFF.
7.
Break-Before-Make Switching.
This prevents channel shorting when the switches are
configured as a multiplexer (ADG713 only).
8.
16-Lead TSSOP and 16-Lead SOIC Packages.


Similar Part No. - ADG711BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ-REEL AD-ADG711BRUZ-REEL Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ-REEL7 AD-ADG711BRUZ-REEL7 Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results

Similar Description - ADG711BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com