Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG774BRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG774BRZ
Description  CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774BRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG774BRZ Datasheet HTML 4Page - Analog Devices ADG774BRZ Datasheet HTML 5Page - Analog Devices ADG774BRZ Datasheet HTML 6Page - Analog Devices ADG774BRZ Datasheet HTML 7Page - Analog Devices ADG774BRZ Datasheet HTML 8Page - Analog Devices ADG774BRZ Datasheet HTML 9Page - Analog Devices ADG774BRZ Datasheet HTML 10Page - Analog Devices ADG774BRZ Datasheet HTML 11Page - Analog Devices ADG774BRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG774
–8–
REV. C
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
VS
A
VD
ID (ON)
Test Circuit 3. On Leakage
Test Circuits
0.1 F
5V
VS
IN
SD
VDD
GND
RL
100
CL
35pF
VOUT
EN
3V
50%
50%
90%
90%
VIN
VOUT
tON
tOFF
Test Circuit 4. Switching Times
0.1 F
5V
VS
EN
S1A
D1
VDD
GND
RL
100
CL
35pF
VOUT
S1B
DECODER
VS
50%
50%
VIN
VOUT
tD
tD
50%
50%
3V
0V
VS
Test Circuit 5. Break-Before-Make Time Delay


Similar Part No. - ADG774BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BR AD-ADG774BR Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG774BRQ AD-ADG774BRQ Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
More results

Similar Description - ADG774BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG784 AD-ADG784 Datasheet
131Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784 AD-ADG784_15 Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad
REV. A
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
   Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
   3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com