Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS245AMSA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM74ALS245AMSA
Description  Octal 3-STATE Bus Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS245AMSA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS245AMSA Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS245AMSA Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS245AMSA Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS245AMSA Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS245AMSA Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS245AMSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics (Note 2)
over recommended operating free air temperature range
Note 2: Switching characteristic conditions are VCC = 4.5V to 5.5V, RL = 500Ω, CL = 50 pF.
Supply Voltage
7V
Input Voltage
Control Inputs
7V
I/O Ports
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
53.0
°C/W
M Package
72.0
°C/W
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
TA
Operating Free Air Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V, IOH = −3 mA
2.4
3.2
V
Output Voltage
VCC = 4.5V, IOH = Max
2
2.3
V
IOH = −0.4 mA, VCC = 4.5V to 5.5V
VCC − 2V
VOL
LOW Level Output Voltage
VCC = 4.5V
IOL = 24 mA
0.35
0.5
V
II
Input Current at Maximum
VCC = 5.5V
VIN = 7V
Control Inputs
0.1
mA
Input Voltage
VIN = 5.5V
A or B Ports
0.1
IIH
HIGH Level Input Current
VCC = 5.5V, VIN = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIN = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VOUT = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
30
45
mA
Outputs LOW
36
55
mA
3-STATE
38
58
mA
Symbol
Parameter
Circuit Configuration
Min
Max
Units
tPLH
Propagation Delay Time
310
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
310
ns
HIGH-to-LOW Level Output
tPZL
Output Enable Time to LOW Level
5
20
ns
tPZH
Output Enable Time to HIGH Level
5
20
ns
tPLZ
Output Disable Time from LOW Level
4
15
ns
tPHZ
Output Disable Time from HIGH Level
2
10
ns


Similar Part No. - DM74ALS245AMSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240ASJ FAIRCHILD-DM74ALS240ASJ Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
More results

Similar Description - DM74ALS245AMSA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com