Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM483EARZ-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADM483EARZ-REEL
Description  짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483EARZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM483EARZ-REEL Datasheet HTML 5Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 6Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 7Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 8Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 9Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 10Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 11Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 12Page - Analog Devices ADM483EARZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM483E
Rev. A | Page 9 of 16
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
Z
Y
VOD
VOC
RL
RL
Figure 15. Driver DC Test Load
DI
DE
5V
A
B
RL
CL
CL
VOD
Figure 16. Driver Timing Test Circuit
5V
1.5V
1/2VO
10%
90%
90%
10%
DI
A
B
0V
0V
+VO
VO
–VO
VDIFF
tSKEW = tDPLH – tDPHL
VDIFF = V (A) – V (B)
tDR
tDPLH
tDPHL
tDF
1/2 VO
Figure 17. Driver Propagation Delays
GENERATOR
0 OR 5V
50Ω
RL = 500Ω
OUT
CL
S1
1.5V
5V
0V
VOH
0V
0.5V
2.3V
OUT
DE
tDHZ
tDZH,
tDZH(SHDN)
D
Figure 18. Driver Enable and Disable Times (tDHZ, tDZH, tDZH(SHDN))
GENERATOR
0V OR 5V
50Ω
D
RL = 500Ω
VCC
OUT
CL
S1
VCC/2
5V
0V
0.5V
2.3V
VOL
OUT
VCC
DE
tDLZ
tDZL,
tDZL(SHDN)
Figure 19. Driver Enable and Disable Times (tDZL, tDLZ, tDZL(SHDN))
ATE
B
RECEIVER
OUTPUT
A
R
VID
Figure 20. Receiver Propagation Delay Test Circuit
THE RISE TIME AND FALL TIME OF INPUT A AND INPUT B < 4ns
+1V
–1V
tRPHL
tRPLH
1.5V
B
RO
VOH
VOL
A
Figure 21. Receiver Propagation Delays


Similar Part No. - ADM483EARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results

Similar Description - ADM483EARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483 AD-ADM483 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM383 AD-ADM383 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com