Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT458TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT458TA
Description  400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458TA Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT458TA Datasheet HTML 1Page - Diodes Incorporated FMMT458TA Datasheet HTML 2Page - Diodes Incorporated FMMT458TA Datasheet HTML 3Page - Diodes Incorporated FMMT458TA Datasheet HTML 4Page - Diodes Incorporated FMMT458TA Datasheet HTML 5Page - Diodes Incorporated FMMT458TA Datasheet HTML 6Page - Diodes Incorporated FMMT458TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FMMT458
Document number: DS33088 Rev. 6 - 2
3 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FMMT458
A Product Line of
Diodes Incorporated
Thermal Characteristics and Derating Information
110
100
1m
10m
100m
1
15 x 15mm FR4
1oz Copper
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE Collector-Emitter Voltage (V)
0
20
40
60
80 100 120 140 160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
15 x 15mm FR4 1oz Copper
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
40
80
120
160
200
240
15 x 15mm FR4 1oz Copper
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0.1
1
10
100
15 x 15mm FR4 1oz Copper
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - FMMT458TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT458TA DIODES-FMMT458TA Datasheet
492Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FMMT458TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458_15 Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558TC DIODES-FMMT558TC Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
   500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
   500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT416 DIODES-FMMT416 Datasheet
634Kb / 5P
   NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com