Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS175MX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74ALS175MX
Description  Hex/Quad D-Type Flip-Flops with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS175MX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS175MX Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS175MX Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS175MX Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS175MX Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS175MX Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS175MX Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS175MX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −400 µA
VCC − 2VCC − 1.6
V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 8 mA
0.35
0.5
V
Output Voltage
II
Input Current at
VCC = 5.5V, VIN = 7V
0.1
mA
Max Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIN = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
DM74ALS174
11
19
Clock
= 4.5V
mA
Clear
= GND
DM74ALS175
8
14
D Input
= GND
Symbol
Parameter
Conditions
Min
Max
Units
fMAX
Maximum Clock Frequency
RL = 500Ω
50
MHz
tPLH
Propagation Delay Time
CL = 50 pF
LOW-to-HIGH Level
VCC = 4.5V to 5.5V
5
18
ns
Output From Clear (175 Only)
tPHL
Propagation Delay Time
HIGH-to-LOW Level
8
23
ns
Output From Clear
tPLH
Propagation Delay Time
LOW-to-HIGH Level
3
15
ns
Output From Clock
tPHL
Propagation Delay Time
HIGH-to-LOW Level
5
17
ns
Output From Clock


Similar Part No. - DM74ALS175MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS175M FAIRCHILD-DM74ALS175M Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
More results

Similar Description - DM74ALS175MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com