Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6260CCRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6260CCRZ
Description  Multiphase PWM Regulator for IMVP-6 Mobile CPUs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6260CCRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6260CCRZ Datasheet HTML 4Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 5Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 6Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 7Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 8Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 9Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 10Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 11Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN9259.3
June 21, 2010
FIGURE 7. ACTIVE MODE EFFICIENCY, 2 PHASE, CCM,
PSI# = HIGH, VID = 1.4375V
FIGURE 8. DEEPER SLEEP MODE EFFICIENCY, 2 PHASE,
DCM OPERATION, PSI# = LOW, VID = 1.4375V
FIGURE 9. DEEPER SLEEP MODE EFFICIENCY, 2 PHASE,
DCM OPERATION, PSI# = LOW, VID = 0.75V
FIGURE 10. ACTIVE MODE LOAD LINE, 2 PHASE, CCM,
PSI# = HIGH, VID = 1.435V
FIGURE 11. DEEPER SLEEP MODE LOAD LINE, 2 PHASE,
DCM OPERATION, PSI# = LOW, VID = 1.4375V
FIGURE 12. DEEPER SLEEP MODE LOAD LINE, 2 PHASE, DCM
OPERATION, PSI# = LOW, VID = 0.75V
Typical Operating Performance 3 Phase, DCR Sense, (1) 7821, (2) 7832 per phase, 300kHz, 0.5µH (Continued)
50
60
70
80
90
100
010
100
IOUT (A)
VIN = 12.6V
VIN = 19.0V
VIN = 8.0V
50
60
70
80
90
100
0.1
1.0
10
IOUT (A)
VIN = 12.6V
VIN = 19.0V
VIN = 8.0V
50
60
70
80
90
100
0.1
1.0
10
IOUT (A)
VIN = 19.0V
VIN = 12.6V
VIN = 8.0V
1.32
1.34
1.36
1.38
1.40
1.42
1.44
020
50
IOUT (A)
10
30
40
VIN = 12.6V
VIN = 8.0V
VIN = 19.0V
1.36
1.37
1.38
1.39
1.40
1.41
1.42
1.43
1.44
20
30
IOUT (A)
10
0
VIN = 19.0V
VIN = 12.6V
VIN = 8.0V
0.68
0.69
0.70
0.71
0.72
0.73
0.74
0.75
0.76
010
20
30
IOUT (A)
VIN = 19.0V
VIN = 12.6V
VIN = 8.0V
ISL6260C


Similar Part No. - ISL6260CCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6260CCRZ RENESAS-ISL6260CCRZ Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6260CCRZ-T INTERSIL-ISL6260CCRZ-T Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6260CCRZ-T RENESAS-ISL6260CCRZ-T Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
More results

Similar Description - ISL6260CCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ-T INTERSIL-ISL6260CCRZ-T Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6260C RENESAS-ISL6260C Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com