Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS580AWM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74ALS580AWM
Description  Octal D-Type Transparent Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS580AWM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS580AWM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS580AWM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS580AWM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS580AWM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS580AWM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS580AWM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The (
↓) arrow indicates the negative edge of the enable is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
56.0
°C/W
M Package
75.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
tW
Width of Enable Pulse, HIGH or LOW
15
ns
tSU
Data Setup Time (Note 2)
10
ns
tH
Data Hold Time (Note 2)
10
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V
IOH = Max
2.4
3.2
V
Output Voltage
VIL = VILMax
VCC = 4.5V to 5.5V
IOH = −400 µAVCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
VIH = 2V
IOL = 24 mA
0.35
0.5
V
II
Input Current @ Maximum
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
IOZH
OFF-State Output Current
VCC = 5.5V, VIH = 2V
20
µA
HIGH Level Voltage Applied
VO = 2.7V
IOZL
OFF-State Output Current
VCC = 5.5V, VIH = 2V
−20
µA
LOW Level Voltage Applied
VO = 0.4V
ICC
Supply Current
VCC = 5.5V
Output HIGH
10
17
mA
Outputs OPEN
Output LOW
16
26
mA
Outputs Disabled
17
29
mA


Similar Part No. - DM74ALS580AWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS520N FAIRCHILD-DM74ALS520N Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS520WM FAIRCHILD-DM74ALS520WM Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS521 FAIRCHILD-DM74ALS521 Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS521WM FAIRCHILD-DM74ALS521WM Datasheet
51Kb / 5P
   8-Bit Comparator
More results

Similar Description - DM74ALS580AWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com