Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABAL05,10 Datasheet(PDF) 1 Page - Allied Components International

Part # ABAL05,10
Description  Low Temperature Cofired, Central frequency 2.45Ghz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ABAL05,10 Datasheet(HTML) 1 Page - Allied Components International

  ABAL05,10 Datasheet HTML 1Page - Allied Components International ABAL05,10 Datasheet HTML 2Page - Allied Components International ABAL05,10 Datasheet HTML 3Page - Allied Components International ABAL05,10 Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
07/19/12
Multilayer Ceramic Baluns
ABAL05/10
0603/0805 SMD Baluns
Low Temperature Cofired
Central frequency 2.45Ghz
Electrical Characteristics
Impedance
Difference
Part Number
Pass Band
(GHz)
Unbalance
(
)
Balance
(
)
VSWR
IL
(dB)
Ripple
(dB)
Amplitude
( dB )
Phase
( Degree )
ABAL05-052425A1
2.4~2.5
50
50
2
1.2
0.6
2
180±10
ABAL05-102425A1
2.4~2.5
50
100
2
1.2
0.6
2
180±10
ABAL05-102425A2
2.4-2.5
50
100
2
1.2
0.6
2
180±10
ABAL10-052425A1
2.4~2.5
50
50
2
1.0
0.6
2
180±10
ABAL10-072425A1
2.4~2.5
50
70
2
1.0
0.6
2
180±10
ABAL10-102425A1
2.4~2.5
50
100
2
1.0
0.6
2
180±10
ABAL10-104959A1
4.9-5.9
50
100
2
1.1
0.6
2
180±10
ABAL10-202425A1
2.4~2.5
50
200
2
1.0
0.6
2
180±10
n
r
e
t
t
a
P
d
e
d
n
e
m
m
o
c
e
R
s
n
o
i
s
n
e
m
i
D
d
n
a
s
e
p
a
h
S
Dimension in mm
TYPE
L
W
T
P1~P6
D1
D2
D3
D4
ABAL05-052425A1 1.6±0.1 0.8±0.1 0.55±0.1 0.3±0.1 0.1±0.1 0.55±0.1 0.25±0.1 0.15±0.1
ABAL05-102425A1 1.6±0.1 0.8±0.1 0.55±0.1 0.3±0.1 0.1±0.1 0.55±0.1 0.25±0.1 0.15±0.1
ABAL05-102425A2 1.6±0.1 0.8±0.1 0.55±0.1 0.3±0.1 0.1±0.1 0.55±0.1 0.25±0.1 0.15±0.1
Dimension in mm
TYPE
D1
D2
D3
D4
ABAL05-052425A1
0.6±0.1
0.3±0.1
0.3±0.1
0.55±0.1
ABAL05-102425A1
0.6±0.1
0.3±0.1
0.3±0.1
0.55±0.1
ABAL05-102425A2
0.6±0.1
0.3±0.1
0.3±0.1
0.55±0.1
Low Insertion Loss
High rejection at Lower Stop Band
and 2nd Harmonic Band
For ISM Band, WLAN and Bluetooth Applications
RoHS


Similar Part No. - ABAL05,10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-31563 AVAGO-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-31563 BOARDCOM-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-31563-BLKG HP-ABA-31563-BLKG Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-31563-BLKG BOARDCOM-ABA-31563-BLKG Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results

Similar Description - ABAL05,10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
logo
Johanson Technology Inc...
2450BP15N0100 JOHANSON-2450BP15N0100 Datasheet
120Kb / 2P
   2.45GHz Low Profile Band Pass Filter
logo
EUROQUARTZ limited
HIGHTEMP-LF EUROQUARTZ-HIGHTEMP-LF Datasheet
168Kb / 2P
   High Temperature/Low Frequency
logo
Johanson Technology Inc...
2450CF15A0100 JOHANSON-2450CF15A0100 Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
2450BL07A0050 JOHANSON-2450BL07A0050 Datasheet
312Kb / 3P
   Miniature 2.45GHz 1:1 RF Balun
logo
TAITIEN ELECTRONICS CO....
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
logo
List of Unclassifed Man...
ARF80001-A ETC2-ARF80001-A Datasheet
89Kb / 2P
   2.45GHz Transmitter/Receiver Switch
logo
Johanson Technology Inc...
2450FB39C100 JOHANSON-2450FB39C100 Datasheet
122Kb / 2P
   2.45GHz Balun/Filter Combination
logo
RF Micro Devices
RF5189 RFMD-RF5189_11 Datasheet
195Kb / 12P
   2.45GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com