Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3826N Datasheet(PDF) 2 Page - Analog Power

Part # AM3826N
Description  N-Channel 20-V (D-S) MOSFET With Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3826N Datasheet(HTML) 2 Page - Analog Power

  AM3826N Datasheet HTML 1Page - Analog Power AM3826N Datasheet HTML 2Page - Analog Power AM3826N Datasheet HTML 3Page - Analog Power AM3826N Datasheet HTML 4Page - Analog Power AM3826N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM3826N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3826_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
IF = 0.5 A
0.48
V
IF = 0.5 A, TJ = 125
oC
0.4
V
Vr = 30 V
0.1
Vr = 30 V, TJ = 75
oC
1
Vr = 30 V, TJ = 125
oC
10
Junction Capacitance
CT
Vr = 10 V
31
pF
Forward Voltage Drop
VF
SCHOTTKY SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
mA
Irm
Maximum Reverse Leakage Current
Test Conditions
Symbol
Parameter
Limits
Unit
Min Typ Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.4
Gate-Body Leakage
IGSS
VDS=0 V, VGS=+/-8 V
±100
nA
VDS = 16 V, VGS = 0 V
1
VDS=16 V, VGS=0 V, TJ =55
oC
10
On-State Drain CurrentA
ID(on)
VDS = 5 V, VGS = 4.5 V
5
A
VGS = 4.5 V, ID = 4.1 A
0.047
VGS = 2.5 V, ID = 3.8 A
0.055
Forward TranconductanceA
gfs
VDS = 5 V, ID = 4.1 A
3
S
Diode Forward Voltage
VSD
IS = 1.05 A, VGS = 0 V
0.80
V
Total Gate Charge
Qg
7.5
Gate-Source Charge
Qgs
0.6
Gate-Drain Charge
Qgd
1.0
Turn-On Delay Time
td(on)
5
Rise Time
tr
12
Turn-Off Delay Time
td(off)
13
Fall-Time
tf
7
MOSFETSPECIFICATIONS(TA =25
oCUNLESSOTHERWISENOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Parameter
Limits
Unit
VDD = 5 V, RL = 5 OHM,
VGEN = 4.5 V, RG = 6 OHM
ns
Drain-Source On-State ResistanceA
Dynamic
b
VDS = 10 V, VGS = 4.5 V,
ID = 4.1 A
nC
rDS(on)


Similar Part No. - AM3826N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
More results

Similar Description - AM3826N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SIA810DJ VISHAY-SIA810DJ Datasheet
133Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 03-Mar-08
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SIB800EDK VISHAY-SIB800EDK Datasheet
244Kb / 11P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 22-Dec-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com