Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1L-NZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM1L-NZ
Description  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-NZ Datasheet(HTML) 5 Page - AIMTEC

  AM1L-NZ_13 Datasheet HTML 1Page - AIMTEC AM1L-NZ_13 Datasheet HTML 2Page - AIMTEC AM1L-NZ_13 Datasheet HTML 3Page - AIMTEC AM1L-NZ_13 Datasheet HTML 4Page - AIMTEC AM1L-NZ_13 Datasheet HTML 5Page - AIMTEC AM1L-NZ_13 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series AM1L-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.I
5 of 6
North America only
Dimensions Single 1000VDC
Dimensions Dual 1000VDC
Dimensions Single and Dual 3000VDC
Dimensions Dual Separated 1000VDC
A
0.25
(0.01)
1.30
(0.05)
0.50
(0.02)
5.00º angle
A
12.70
(0.50)
12.70
(0.50)
Top View
Front View
Side View
6.00
(0.24)
17.78
(0.70)
2.54
(0.10)
1
17.78
(0.70)
5.75
(0.23)
2.75
(0.11)
0.25
(0.01)
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)
1.20
(0.05)
1.80
(0.07)
A
0.30
(0.01)
1.50
(0.06)
0.50
(0.02)
5.00º angle
A
7.50
(0.30)
7.00
(0.28)
6.70
(0.26)
Top View
Front View
Side View
6.25
(0.25)
1.85
(0.07)
15.24
(0.60)
2.54
(0.10)
1
11.20
(0.44)
6.00
(0.24)
4.13
(0.16)
0.25
(0.01)
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)
0.60
(0.024)
A
0.30
(0.01)
1.35
(0.05)
0.50
(0.02)
5.00º angle
A
7.50
(0.30)
7.15
(0.28)
6.76
(0.27)
Top View
Front View
Side View
6.50
(0.26)
1.35
(0.05)
15.24
(0.60)
2.54
(0.10)
1
11.20
(0.44)
6.25
(0.25)
4.25
(0.17)
0.25
(0.01)
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)
0.60
(0.024)
A
0.30
(0.01)
1.50
(0.06)
0.50
(0.02)
5.00º angle
A
7.50
(0.30)
7.00
(0.28)
6.70
(0.26)
Top View
Front View
Side View
6.25
(0.25)
1.85
(0.07)
12.70
(0.50)
2.54
(0.10)
1
11.20
(0.44)
6.00
(0.24)
4.13
(0.16)
0.25
(0.01)
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)
0.60
(0.024)


Similar Part No. - AM1L-NZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1L-NZ AIMTEC-AM1L-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-NZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com