Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1L-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM1L-NZ
Description  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM1L-NZ_13 Datasheet HTML 1Page - AIMTEC AM1L-NZ_13 Datasheet HTML 2Page - AIMTEC AM1L-NZ_13 Datasheet HTML 3Page - AIMTEC AM1L-NZ_13 Datasheet HTML 4Page - AIMTEC AM1L-NZ_13 Datasheet HTML 5Page - AIMTEC AM1L-NZ_13 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM1L-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.I
3 of 6
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation (Single)
Load 10 – 100%
10
%
Load voltage regulation (Dual)
Load 10 – 100%
10
%
Load voltage regulation (Dual Separated)
Load 10 – 100%
12.8
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
At 20MHz Bandwidth
75
100
mV p-p
If the operating output current is less than 10% of maximum it is recommended to install a load resistor in parallel with the
load to ensure the actual load current meets the minimum load current requirement.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Max Case temperature
+95
oC
Operating temperature
Without derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Cooling
Free air convection
Humidity
95
%
Case material
Plastic UL94-VO
Weight
1.5
g
Dual Separated
2.1
Dimensions (L x W x H)
Single 1000VDC
0.50 x 0.44 x 0.25 inch
12.70 x 11.20 x 6.25 mm
Dual 1000VDC
0.60 x 0.44 x 0.25 inch 15.24 x 11.20 x 6.25 mm
Dual Separated 1000VDC
0.70 x 0.70 x 0.24 inch
17.78 x 17.78 x 6.00 mm
Single and Dual 3000VDC
0.6 x 0.44 x 0.26 inch 15.24 x 11.20 x 6.50 mm
MTBF
>980 000 hrs single, 1 000 000hrs dual (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Agency approvals
cULus (for 3000VDC Isolated models and 5 and 12 Vin models with 1000VDC Isolation,
AM1L-0303S-NZ and AM1L-0305S-NZ )
CE (for 5 and 12 Vin single models)
Standards
IEC 60950-1 2001


Similar Part No. - AM1L-NZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1L-NZ AIMTEC-AM1L-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-NZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com