Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57560G1104000 Datasheet(PDF) 3 Page - EPCOS

Part # B57560G1104000
Description  NTC thermistors for temperature measurement
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560G1104000 Datasheet(HTML) 3 Page - EPCOS

  B57560G1104000 Datasheet HTML 1Page - EPCOS B57560G1104000 Datasheet HTML 2Page - EPCOS B57560G1104000 Datasheet HTML 3Page - EPCOS B57560G1104000 Datasheet HTML 4Page - EPCOS B57560G1104000 Datasheet HTML 5Page - EPCOS B57560G1104000 Datasheet HTML 6Page - EPCOS B57560G1104000 Datasheet HTML 7Page - EPCOS B57560G1104000 Datasheet HTML 8Page - EPCOS B57560G1104000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical specification and ordering codes
R25
No. of R/T
characteristic
B25/85
K
B0/100
K
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
G =
±2%
H =
±3%
The last three digits of the ordering code denote:
000 and 005 = dumet wires
002 and 007 = nickel-plated wires
2 k
8401
3420
3390
±1%
3436
B57560G0202+000
2 k
8401
3420
3390
±1%
3436
B57560G0202+002
5 k
8328
3483
3456
3497
±1%
B57560G1502+000
5 k
8328
3483
3456
3497
±1%
B57560G1502+002
10 k
7003
3612
3586
3625
±1%
B57560G1103+005
10 k
7003
3612
3586
3625
±1%
B57560G1103+007
10 k
8307
3478
3450
3492
±1%
B57560G1103+000
10 k
8307
3478
3450
3492
±1%
B57560G1103+002
30 k
7002
3973
3944
3988
±1%
B57560G1303+005
30 k
7002
3973
3944
3988
±1%
B57560G1303+007
100 k
8304
4072
4036
4092
±1%
B57560G1104+000
100 k
8304
4072
4036
4092
±1%
B57560G1104+002
Note
For ordering code B57560G0202+000 and B57560G0202+002 the R/T curve is defined for short
wire length (5 mm). In dependence of the real wire length of the glass-encapsulated sensor the
wire resistance can be considered for temperatures higher than 100
°C additionally with following
equation:
Temperature measurement
B57560G, B57560G1
Glass-encapsulated sensors
G560/G1560
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57560G1104000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57560G1104000 TDK-B57560G1104000 Datasheet
427Kb / 25P
   NTC thermistors for temperature measurement
More results

Similar Description - B57560G1104000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com