Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V664FA512 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89V664FA512
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V664FA512 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89V664FA512 Datasheet HTML 3Page - NXP Semiconductors P89V664FA512 Datasheet HTML 4Page - NXP Semiconductors P89V664FA512 Datasheet HTML 5Page - NXP Semiconductors P89V664FA512 Datasheet HTML 6Page - NXP Semiconductors P89V664FA512 Datasheet HTML 7Page - NXP Semiconductors P89V664FA512 Datasheet HTML 8Page - NXP Semiconductors P89V664FA512 Datasheet HTML 9Page - NXP Semiconductors P89V664FA512 Datasheet HTML 10Page - NXP Semiconductors P89V664FA512 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
P89V660_662_664
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3.1 — 17 October 2011
7 of 90
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
P1[4]/CEX1
44
6
I/O
P1[4] — Port 1 bit 4.
I/O
CEX1 — Capture/compare external I/O for PCA Module 1
P1[5]/CEX2
1
7
I/O
P1[5] — Port 1 bit 5.
I/O
CEX2 — Capture/compare external I/O for PCA Module 2
P1[6]/SCL
2
8
I/O
P1[6] — Port 1 bit 6.
I/O
SCL — I2C-bus serial clock input/output
P1[7]/SDA
3
9
I/O
P1[7] — Port 1 bit 7.
I/O
SDA — I2C-bus serial data input/output
P2[0] to P2[7][1]
I/O with
internal
pull-up
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 2 pins are pulled HIGH by the internal pull-ups
when ‘1’s are written to them and can be used as inputs in this
state. As inputs, Port 2 pins that are externally pulled LOW will
source current (IIL) because of the internal pull-ups. Port 2
sends the high-order address byte during fetches from external
program memory and during accesses to external Data
Memory that use 16-bit address (MOVX@DPTR). In this
application, it uses strong internal pull-ups when making the
transition to ‘1’s.
P2[0]/A8
18
24
I/O
P2[0] — Port 2 bit 0.
O
A8 — Address bit 8.
P2[1]/A9
19
25
I/O
P2[1] — Port 2 bit 1.
O
A9 — Address bit 9.
P2[2]/A10
20
26
I/O
P2[2] — Port 2 bit 2.
O
A10 — Address bit 10.
P2[3]/A11
21
27
I/O
P2[3] — Port 2 bit 3.
O
A11 — Address bit 11.
P2[4]/A12
22
28
I/O
P2[4] — Port 2 bit 4.
O
A12 — Address bit 12.
P2[5]/A13
23
29
I/O
P2[5] — Port 2 bit 5.
O
A13 — Address bit 13.
P2[6]/A14
24
30
I/O
P2[6] — Port 2 bit 6.
O
A14 — Address bit 14.
P2[7]/A15
25
31
I/O
P2[7] — Port 2 bit 7.
O
A15 — Address bit 15.
P3[0] to P3[7][1]
I/O with
internal
pull-up
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 3 pins are pulled HIGH by the internal pull-ups
when ‘1’s are written to them and can be used as inputs in this
state. As inputs, Port 3 pins that are externally pulled LOW will
source current (IIL) because of the internal pull-ups.
P3[0]/RXD
5
11
I
P3[0] — Port 3 bit 0.
I
RXD — Serial input port.
P3[1]/TXD
7
13
O
P3[1] — Port 3 bit 1.
O
TXD — Serial output port.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description
TQFP44
PLCC44


Similar Part No. - P89V664FA512

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V664FA NXP-P89V664FA Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V664FA NXP-P89V664FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V664FA NXP-P89V664FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
More results

Similar Description - P89V664FA512

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com