Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS157SJX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74AS157SJX
Description  Quad 1 of 2 Line Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS157SJX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74AS157SJX Datasheet HTML 1Page - Fairchild Semiconductor DM74AS157SJX Datasheet HTML 2Page - Fairchild Semiconductor DM74AS157SJX Datasheet HTML 3Page - Fairchild Semiconductor DM74AS157SJX Datasheet HTML 4Page - Fairchild Semiconductor DM74AS157SJX Datasheet HTML 5Page - Fairchild Semiconductor DM74AS157SJX Datasheet HTML 6Page - Fairchild Semiconductor DM74AS157SJX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006290
www.fairchildsemi.com
April 1984
Revised March 2000
DM74AS157 • DM74AS158
Quad 1 of 2 Line Data Selector/Multiplexer
General Description
These data selectors/multiplexers contain inverters and
drivers to supply full on-chip data selection to the four out-
put gates. A separate STROBE input is provided. A 4-bit
word is selected from one of two sources and is routed to
the four outputs. The AS157 presents true data whereas
the AS158 presents inverted data to minimize propagation
delay time.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin for pin compatible with Schottky,
low power Schottky, and advanced low power Schottky
TTL counterpart
s Improved AC performance over Schottky, low power
Schottky, and advanced low power Schottky counter-
parts
s Expand any data input point
s Multiplex dual data buses
s General four functions of two variables (one variable is
common)
s Source programmable counters
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level
L
= LOW Level
X
= Don't Care
Order Number
Package Number
Package Description
DM74AS157M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74AS157SJX
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74AS157N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74AS158M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74AS158N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Output Y
STROBE Select
A
B
DM74AS157 DM74AS158
HX
X
X
L
H
LL
L
X
L
H
LL
H
X
H
L
LH
X
L
L
H
LH
X
H
H
L


Similar Part No. - DM74AS157SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74AS1000A FAIRCHILD-DM74AS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
DM74AS1000AM FAIRCHILD-DM74AS1000AM Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
DM74AS1000AN FAIRCHILD-DM74AS1000AN Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
DM74AS1004 FAIRCHILD-DM74AS1004 Datasheet
46Kb / 4P
   Hex Inverting Driver
More results

Similar Description - DM74AS157SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com