Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3930N Datasheet(PDF) 1 Page - Analog Power

Part # AM3930N
Description  N-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3930N Datasheet(HTML) 1 Page - Analog Power

  AM3930N Datasheet HTML 1Page - Analog Power AM3930N Datasheet HTML 2Page - Analog Power AM3930N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM3930N
Analog Power
April, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM3930_C
These miniature surface mount MOSFETs utilize
High Cell Density process. Low r
DS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry. Typical applications are PWMDC-DC
converters, power management in portable and
battery-powered products such as computers,
printers, battery charger, telecommunication power
system, and telephones power system.
VDS (V)
rDS(on) m(Ω)ID (A)
58 @ VGS = 10V
3.5
82 @ VGS = 4.5V
3.0
PRODUCT SUMMARY
30
N-Channel 30-V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Miniature TSOP-6 Surface Mount Package
Saves Board Space
High power and current handling capability
Low side high current DC-DC Converter
applications
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
30
VGS
±20
TA=25
oC3.5
TA=70
oC2.8
IDM
16
IS
1.25
A
TA=25
oC1.3
TA=70
oC0.8
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Maximum
Units
t <= 10 sec
100
oC/W
Steady-State
166
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
1
2
3
4
5
6


Similar Part No. - AM3930N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3931P ANALOGPOWER-AM3931P Datasheet
324Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AM3932N ANALOGPOWER-AM3932N Datasheet
242Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM3932NE ANALOGPOWER-AM3932NE Datasheet
270Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
AMtek SEMICONDUCTORS CO...
AM3933 AMTEK-AM3933 Datasheet
332Kb / 11P
   Single Phase Full-Wave Motor Driver for Fan Motor
Aug. 2013 V1.2
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM3930N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com