Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS169AM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74AS169AM
Description  Synchronous 4-Bit Binary Up/Down Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS169AM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74AS169AM Datasheet HTML 1Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 2Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 3Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 4Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 5Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C
Note 2: The output conditions have been chosen to produce a current that closely approximates one half of the true short circuit output current, IOS.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
71.5
°C/W
M Package
101.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2mA
IOL
LOW Level Output Current
20
mA
fCLK
Clock Frequency
0
75
MHz
tSU
tsetup, Set-up Time
Data; A, B, C, D
8
ns
En P, En T
8ns
LOAD
8ns
U/D
11
ns
tH
thold, Hold Time
Data; A, B, C, D
0
ns
En P, En T
0ns
LOAD
0ns
U/D
0ns
tWCLK
Width of Clock Pulse
6.7
ns
tA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
IOH = −2 mA,
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V,
0.35
0.5
V
Output Voltage
IOL = 20 mA
II
Input Current @ Max
VCC = 5.5V,
LOAD, ENT, U/D
0.2
mA
Input Voltage
VIH = 7V
Others
0.1
IIH
HIGH Level Input Current
VCC = 5.5V,
LOAD, ENT, U/D
40
µA
VIH = 2.7V
Others
20
IIL
LOW Level Input Current
VCC = 5.5V,
CLK, DATA, ENP
−0.5
mA
VIL = 0.4V
LOAD, ENT, U/D
−1
IO (Note 2) Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
46
63
mA


Similar Part No. - DM74AS169AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS161M FAIRCHILD-DM74AS161M Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS161N FAIRCHILD-DM74AS161N Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS163M FAIRCHILD-DM74AS163M Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS163N FAIRCHILD-DM74AS163N Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
More results

Similar Description - DM74AS169AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com