Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA426R-TL Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # DPA426R-TL
Description  DC-DC Forward Converter Design Guide Application Note AN-31
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA426R-TL Datasheet(HTML) 4 Page - Power Integrations, Inc.

  DPA426R-TL Datasheet HTML 1Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 2Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 3Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 4Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 5Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 6Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 7Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 8Page - Power Integrations, Inc. DPA426R-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AN-31
C
7/04
4
Efficiency
Designing a DC-DC converter with DPA-Switch involves
several engineering tradeoffs that weigh efficiency against cost
and complexity. The circuit configuration in Figure 1 achieves
efficiencies greater than 85% over the range of input voltage
at medium loads. In typical applications without synchronous
rectifcation,approximately25%ofthetotalpowerlosswillbein
the DPA-Switch (see DPA-Switch data sheet), 40% in the output
rectifiers, and 30% in the magnetic devices. The remainder is
distributed among other devices and circuit traces.
Higher efficiencies of approximately 91% can be obtained
whenSchottkyrectifiersarereplacedbysynchronousrectifiers,
allowing lower voltage drops. The efficiency can be raised
even higher with the use of the next larger device in the
DPA-Switch
family that has lower R
DS(ON). Further increases in
device size may not improve the efficiency due to increased
device switching losses. Losses in the magnetic devices can
be reduced by using larger cores and by switching at 300 kHz
instead of 400 kHz.All these alternatives have compromises in
size, cost and complexity that the designer must evaluate.
Temperature
DC-DC converters usually must operate over an extended
range of temperature that goes beyond the limits for ordinary
consumer electronics. Designers should be aware that the
characteristics of passive components are likely to change
significantly with temperature. Attention to these effects to
choose suitable components can prevent unexpected and
undesirable behavior.
Designers must pay particular attention to the selection of the
output capacitors and the components in the feedback circuit
to guarantee specified performance throughout the temperature
range. The details are addressed later in the sections on Output
Capacitor Selection and Feedback Design.
Bias Voltage
There are four ways to generate the bias voltage required for
operation of DPA-Switch:
(a) DC input derived
(b) Transformer bias (unregulated)
(c) Output coupled inductor winding
(d) Transformer bias (regulated)
Figure 2 illustrates the four alternatives. Each one must provide
aminimumof8Vatthecollectoroftheoptocouplerunderworst
caseoperatingconditions(minimuminputvoltageandminimum
load).Thelowestbiasvoltageundertypicalconditionsshouldbe
12V.Theoutputcoupledinductorandtheregulatedtransformer
bias techniques give the highest efficiency of the four solutions
because the voltage across the optocoupler is controlled. This
is countered by increased complexity. Optocoupler dissipation
canbesignificantandshouldbeverified.Maximumoptocoupler
phototransistor current is equal to the maximum CONTROL
pin current (I
C(SKIP)) for the selected DPA-Switch. Maximum
dissipation therefore occurs at the highest bias voltage (highest
input voltage for (a) and (b)) and minimum load. Table 2
provides a comparison of complexity vs performance for all
the solutions.
a) The DC input derived bias is the simplest of the three
solutions.ItusesaZenerdiodebetweenthepositiveDCinput
and the collector of the phototransistor of the optocoupler to
reducethemaximumcollector-to-emittervoltage,andmore
importantly, to limit the dissipation in the optocoupler. The
penalty for simplicity is a reduction in efficiency that can
be significant at high input voltages. This alternative is best
for industrial applications where the input voltage is low
(18 V to 36 V). The input voltage in industrial applications
is usually low enough to eliminate the Zener diode because
the breakdown voltages for standard optocouplers can be as
high as 70 V. Designers must check the maximum power
dissipation in the optocoupler in either case.
b) Thetransformerbias(unregulated)iscreatedfromawinding
on the power transformer. The forward bias winding
should be connected to the rectifier in a polarity such that it
conducts when the DPA-Switch is on. Since the bias voltage
is proportional to the input voltage, efficiency is reduced at
high input voltages, but the effect is less than with the direct
connection to the input. Again, the designer needs to check
thepowerdissipationintheoptocoupleratthemaximumbias
voltage. For this bias type, worst case is minimum output
load and high input voltage. Flyback bias windings are not
recommended for DPA-Switch applications since they will
affect the transformer reset.
c) Output coupled inductor bias uses a winding on the output
inductor to develop the bias voltage. This technique
provides a well regulated bias voltage when the converter
operates in the continuous conduction mode. Regulation
is accomplished by phasing the winding such that the bias
voltage is proportional to the output voltage by transformer
action when the DPA-Switch turns off. The penalty for the
higherefficiencyisthecostandcomplexityofacustomoutput
inductor.Thebiasvoltagecanbeadjustedbymodifyingturns
ratio, bias capacitor size and minimum load on the main
output. The designer should verify a minimum bias voltage
of 8 V at minimum load and maximum input voltage.
d) The transformer bias (regulated) solution peforms the
same function as the output coupled inductor bias (c). The
bias voltage regulation is not quite as good as with the
output coupled inductor bias. However, the solution does
provide a reasonably constant bias voltage over a variety


Similar Part No. - DPA426R-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA426R-TL POWERINT-DPA426R-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA426R-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA423GN POWERINT-DPA423GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
AN-31 POWERINT-AN-31 Datasheet
1Mb / 20P
   Converter Design Guide Application Note AN-31
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com