Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S202S02F Datasheet(PDF) 6 Page - Sharp Corporation

Part # S202S02F
Description  IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202S02F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button S202S02F Datasheet HTML 2Page - Sharp Corporation S202S02F Datasheet HTML 3Page - Sharp Corporation S202S02F Datasheet HTML 4Page - Sharp Corporation S202S02F Datasheet HTML 5Page - Sharp Corporation S202S02F Datasheet HTML 6Page - Sharp Corporation S202S02F Datasheet HTML 7Page - Sharp Corporation S202S02F Datasheet HTML 8Page - Sharp Corporation S202S02F Datasheet HTML 9Page - Sharp Corporation S202S02F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
S102S02 Series
S202S02 Series
0
60
50
40
30
20
10
Ambient temperature Ta (˚C)
−25
125
100
75
50
25
0
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D4-A02401EN
−25
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
Ambient temperature Ta (˚C)
(2)
(3)
(4)
(5)
(6)
(1)
(1) With infinite heat sink
(2) With heat sink (200
×200×2mm Al plate)
(3) With heat sink (100
×100×2mm Al plate)
(4) With heat sink (75
×75×2mm Al plate)
(5) With heat sink (50
×50×2mm Al plate)
(6) Without heat sink
(Note) In natural cooling condition, please locate Al plate
vertically, spread the thermal conductive silicone
grease on the touch surface of the device and tighten
up the device in the center of Al plate at the torque
of 0.4N•m.
100
10
1
0
1.0
2.0
Forward voltage VF (V)
Ta=100˚C
25˚C
50˚C
75˚C
0˚C
−25˚C
Fig.4 Forward Current vs. Forward Voltage
Fig.3 RMS ON-state Current vs.
Case Temperature
0
2
4
6
8
10
Case temperature Tc (˚C)
−25
0
25
50
75
100
125


Similar Part No. - S202S02F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S02 SHARP-S202S02 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
More results

Similar Description - S202S02F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com