Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117IMP-3.3 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM1117IMP-3.3
Description  LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IMP-3.3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM1117IMP-3.3 Datasheet HTML 7Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 8Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 9Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 10Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 11Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 12Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 13Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 14Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM1117-N, LM1117I
www.ti.com
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
Figure 22. Regulator with Protection Diode
HEATSINK REQUIREMENTS
When an integrated circuit operates with an appreciable current, its junction temperature is elevated. It is
important to quantify its thermal limits in order to achieve acceptable performance and reliability. This limit is
determined by summing the individual parts consisting of a series of temperature rises from the semiconductor
junction to the operating environment. A one-dimensional steady-state model of conduction heat transfer is
demonstrated in Figure 23. The heat generated at the device junction flows through the die to the die attach pad,
through the lead frame to the surrounding case material, to the printed circuit board, and eventually to the
ambient environment. Below is a list of variables that may affect the thermal resistance and in turn the need for a
heatsink.
R
θJC (Component Variables)
R
θCA (Application Variables)
Leadframe Size & Material
Mounting Pad Size, Material, & Location
No. of Conduction Pins
Placement of Mounting Pad
Die Size
PCB Size & Material
Die Attach Material
Traces Length & Width
Molding Compound Size and Material
Adjacent Heat Sources
Volume of Air
Ambient Temperatue
Shape of Mounting Pad
The case temperature is measured at the point where the leads contact with the mounting pad surface
Figure 23. Cross-Sectional View of Integrated Circuit Mounted on a Printed Circuit Board
The LM1117-N regulators have internal thermal shutdown to protect the device from over-heating. Under all
possible operating conditions, the junction temperature of the LM1117-N must be within the range of 0°C to
125°C. A heatsink may be required depending on the maximum power dissipation and maximum ambient
temperature of the application. To determine if a heatsink is needed, the power dissipated by the regulator, PD ,
must be calculated:
IIN = IL + IG
(2)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1117-N LM1117I


Similar Part No. - LM1117IMP-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117IMP-3.3 TI1-LM1117IMP-3.3 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117IMP-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117DT-1.8_NOPB TI1-LM1117DT-1.8_NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IDT-33 TI1-LM1117IDT-33 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117MPX-ADJ TI1-LM1117MPX-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117-N TI-LM1117-N_15 Datasheet
2Mb / 33P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com