Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4871LD Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4871LD
Description  3W Audio Power Amplifier with Shutdown Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871LD Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4871LD Datasheet HTML 4Page - Texas Instruments LM4871LD Datasheet HTML 5Page - Texas Instruments LM4871LD Datasheet HTML 6Page - Texas Instruments LM4871LD Datasheet HTML 7Page - Texas Instruments LM4871LD Datasheet HTML 8Page - Texas Instruments LM4871LD Datasheet HTML 9Page - Texas Instruments LM4871LD Datasheet HTML 10Page - Texas Instruments LM4871LD Datasheet HTML 11Page - Texas Instruments LM4871LD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM4871
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
Non-NGN Specific Characteristics (continued)
Clipping Voltage vs Supply Voltage
Noise Floor
Figure 22.
Figure 23.
Frequency Response vs Input Capacitor Size
Power Supply Rejection Ratio
Figure 24.
Figure 25.
Open Loop Frequency Response
Supply Current vs Supply Voltage
Figure 26.
Figure 27.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4871


Similar Part No. - LM4871LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
LM4871M NSC-LM4871M Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871N NSC-LM4871N Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4871LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
[Old version datasheet]   3W Audio Power Amplifier with Shutdown Mode
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com