Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DM74AS573 Datasheet(HTML) 4 Page - Fairchild Semiconductor

Part No. DM74AS573
Description  Octal D-Type Transparent Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM74AS573 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Data
Any Q
3
6
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
Data
Any Q
3
6
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable
Any Q
6
11.5
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable
Any Q
4
7.5
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control
Any Q
2
6.5
ns
to HIGH Level Output
tPZL
Output Enable Time
Output Control
Any Q
4
9.5
ns
to LOW Level Output
tPHZ
Output Disable Time
Output Control
Any Q
2
6.5
ns
from HIGH Level Output
tPLZ
Output Disable Time
Output Control
Any Q
2
7
ns
from LOW Level Output


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn