Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4871M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4871M
Description  3W Audio Power Amplifier with Shutdown Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871M Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4871M Datasheet HTML 3Page - Texas Instruments LM4871M Datasheet HTML 4Page - Texas Instruments LM4871M Datasheet HTML 5Page - Texas Instruments LM4871M Datasheet HTML 6Page - Texas Instruments LM4871M Datasheet HTML 7Page - Texas Instruments LM4871M Datasheet HTML 8Page - Texas Instruments LM4871M Datasheet HTML 9Page - Texas Instruments LM4871M Datasheet HTML 10Page - Texas Instruments LM4871M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
Typical Performance Characteristics
Non-NGN Specific Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
Figure 16.
Figure 17.
Output Power vs Supply Voltage
Output Power vs Load Resistance
Figure 18.
Figure 19.
Power Dissipation vs Output Power
Power Derating Curve
Figure 20.
Figure 21.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4871


Similar Part No. - LM4871M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4871M NSC-LM4871M Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4871M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
[Old version datasheet]   3W Audio Power Amplifier with Shutdown Mode
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com