Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30E-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM30E-Z
Description  30Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30E-Z Datasheet(HTML) 1 Page - AIMTEC

  AM30E-Z_13 Datasheet HTML 1Page - AIMTEC AM30E-Z_13 Datasheet HTML 2Page - AIMTEC AM30E-Z_13 Datasheet HTML 3Page - AIMTEC AM30E-Z_13 Datasheet HTML 4Page - AIMTEC AM30E-Z_13 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM30E-Z
30Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
1 of 5
North America only
FEATURES:
Wide 2:1 Input Range
Efficiency up to 92%
1600 VDC I/O Isolation
Temperature Range -40ºC to +75ºC
Adjustable Output Voltage
Remote On/Off Function
Soft Start
Continuous Short Circuit Protection
Over Current & Over Voltage Protection
No Minimum Load Required
Over Temperature Protection
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
Capacitive Load
(uF)
Efficiency
(%)
AM30E-1203SZ
9-18
3.3
8
20000
89
AM30E-1205SZ
9-18
5
6
14000
91
AM30E-1205.1SZ
9-18
5.1
6
14000
92
AM30E-1212SZ
9-18
12
2.5
2000
91
AM30E-1215SZ
9-18
15
2
2000
92
AM30E-2403SZ
18-36
3.3
8
20000
91
AM30E-2405SZ
18-36
5
6
14000
92
AM30E-2405.1SZ
18-36
5.1
6
14000
92
AM30E-2412SZ
18-36
12
2.5
2000
92
AM30E-2415SZ
18-36
15
2
2000
92
AM30E-4803SZ
36-75
3.3
8
20000
90
AM30E-4805SZ
36-75
5
6
14000
91
AM30E-4805.1SZ
36-75
5.1
6
14000
91
AM30E-4812SZ
36-75
12
2.5
2000
91
AM30E-4815SZ
36-75
15
2
2000
91
Add suffix “-K” for optional heat sink
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
Capacitive Load
(uF)
Efficiency
(%)
AM30E-1205DZ
9-18
±5
±3
±3000
89
AM30E-1212DZ
9-18
±12
±1.25
±1300
90
AM30E-1215DZ
9-18
±15
±1
±1300
91
AM30E-2405DZ
18-36
±5
±3
±3000
90
AM30E-2412DZ
18-36
±12
±1.25
±1300
91
AM30E-2415DZ
18-36
±15
±1
±1300
91
AM30E-4805DZ
36-75
±5
±3
±3000
90
AM30E-4812DZ
36-75
±12
±1.25
±1300
90
AM30E-4815DZ
36-75
±15
±1
±1300
90
Add suffix “-K” for optional heat sink
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π (Pi) Network
Start up time
30
ms
Absolute Maximum Rating
12
-0.7 ~ 25
VDC
24
-0.7 ~ 50
48
-0.7 ~ 100


Similar Part No. - AM30E-Z_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30E-Z AIMTEC-AM30E-Z_16 Datasheet
353Kb / 5P
   30Watt | DC-DC Converter
More results

Similar Description - AM30E-Z_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30E-Z AIMTEC-AM30E-Z_16 Datasheet
353Kb / 5P
   30Watt | DC-DC Converter
AM30E-Z AIMTEC-AM30E-Z Datasheet
310Kb / 4P
   30Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
EC6C CINCON-EC6C Datasheet
371Kb / 2P
   25 - 30WATT 2:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com