Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5130 Datasheet(PDF) 7 Page - EPCOS

Part # B5130
Description  SAW filter LTE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5130 Datasheet(HTML) 7 Page - EPCOS

  B5130 Datasheet HTML 1Page - EPCOS B5130 Datasheet HTML 2Page - EPCOS B5130 Datasheet HTML 3Page - EPCOS B5130 Datasheet HTML 4Page - EPCOS B5130 Datasheet HTML 5Page - EPCOS B5130 Datasheet HTML 6Page - EPCOS B5130 Datasheet HTML 7Page - EPCOS B5130 Datasheet HTML 8Page - EPCOS B5130 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
April 30, 2010
B5130
847.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Smith charts
S11 function
S22 function


Similar Part No. - B5130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5131 EPCOS-B5131 Datasheet
90Kb / 8P
   SAW RF filter for base stations LTE 800
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
B5133 EPCOS-B5133 Datasheet
58Kb / 7P
   SAW RF filter for base stations TD-LTE, Band 40
logo
Cynergy3 Co
B513F-2 CYNERGY3-B513F-2 Datasheet
244Kb / 2P
   25-42.5Amp,SCR/Diode Modules
logo
Crydom Inc.,
B513F-2 CRYDOM-B513F-2 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
More results

Similar Description - B5130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5128 EPCOS-B5128 Datasheet
94Kb / 8P
   SAW filter LTE
logo
Transko Electronics, In...
TF-174501-S20 TRANSKO-TF-174501-S20 Datasheet
478Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
logo
EPCOS
B5219 EPCOS-B5219 Datasheet
66Kb / 7P
   SAW IF filter LTE
logo
Transko Electronics, In...
TA737AM TRANSKO-TA737AM Datasheet
373Kb / 4P
   LTE, RF SAW Filter
Revision 3: July 2015
TA1845AM TRANSKO-TA1845AM Datasheet
392Kb / 4P
   LTE, RF SAW Filter
Revision 0: December 2011
TA806BM TRANSKO-TA806BM Datasheet
376Kb / 4P
   LTE, RF SAW Filter
Revision 1: November 2012
TF-184001-S20 TRANSKO-TF-184001-S20 Datasheet
470Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
logo
EPCOS
B5215 EPCOS-B5215 Datasheet
76Kb / 8P
   SAW IF filter LTE
logo
Transko Electronics, In...
TA1750AM TRANSKO-TA1750AM Datasheet
438Kb / 4P
   LTE, RF SAW Filter
Revision 0: December 2011
TA1760AM TRANSKO-TA1760AM Datasheet
445Kb / 4P
   LTE, RF SAW Filter
Revision 0: September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com