Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5131 Datasheet(PDF) 2 Page - EPCOS

Part # B5131
Description  SAW RF filter for base stations LTE 800
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5131 Datasheet(HTML) 2 Page - EPCOS

  B5131 Datasheet HTML 1Page - EPCOS B5131 Datasheet HTML 2Page - EPCOS B5131 Datasheet HTML 3Page - EPCOS B5131 Datasheet HTML 4Page - EPCOS B5131 Datasheet HTML 5Page - EPCOS B5131 Datasheet HTML 6Page - EPCOS B5131 Datasheet HTML 7Page - EPCOS B5131 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
December 16, 2010
B5131
806.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Application
s
RF filter for LTE800MHz BTS Tx
s
Unbalanced to unbalanced operation
s
Low amplitude ripple
s
Usable passband of 30 MHz
s
No matching required for operation at 50
Features
s
Package size 3.0 x3.0 x 1.10 mm3
s
Package code DCC6C
s
RoHS compatible
s
Approximate weight 0.037 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
2
Input
s
5
Output
s
1, 3, 4, 6 case ground


Similar Part No. - B5131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5130 EPCOS-B5130 Datasheet
95Kb / 9P
   SAW filter LTE
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
B5133 EPCOS-B5133 Datasheet
58Kb / 7P
   SAW RF filter for base stations TD-LTE, Band 40
logo
Cynergy3 Co
B513F-2 CYNERGY3-B513F-2 Datasheet
244Kb / 2P
   25-42.5Amp,SCR/Diode Modules
logo
Crydom Inc.,
B513F-2 CRYDOM-B513F-2 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
More results

Similar Description - B5131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5133 EPCOS-B5133 Datasheet
58Kb / 7P
   SAW RF filter for base stations TD-LTE, Band 40
logo
TDK Electronics
B39941B5182U410 TDK-B39941B5182U410 Datasheet
155Kb / 10P
   SAW RF filter for base stations
B39202B5184U410 TDK-B39202B5184U410 Datasheet
112Kb / 7P
   SAW RF filter for base stations
B39182B4182U410 TDK-B39182B4182U410 Datasheet
127Kb / 9P
   SAW RF filter for base stations
B39881B4125U410 TDK-B39881B4125U410 Datasheet
194Kb / 9P
   SAW RF filter for base stations
B39172B5109U410 TDK-B39172B5109U410 Datasheet
147Kb / 9P
   SAW RF filter for base stations
B39172B5143U410 TDK-B39172B5143U410 Datasheet
183Kb / 9P
   SAW RF filter for base stations
B39182B4142U410 TDK-B39182B4142U410 Datasheet
147Kb / 12P
   SAW RF filter for base stations
B39202B5306U410 TDK-B39202B5306U410 Datasheet
146Kb / 8P
   SAW RF filter for base stations
B39941B5057U410 TDK-B39941B5057U410 Datasheet
146Kb / 8P
   SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com