Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOW10-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEOW10-NZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOW10-NZ Datasheet(HTML) 3 Page - AIMTEC

  AMEOW10-NZ Datasheet HTML 1Page - AIMTEC AMEOW10-NZ Datasheet HTML 2Page - AIMTEC AMEOW10-NZ Datasheet HTML 3Page - AIMTEC AMEOW10-NZ Datasheet HTML 4Page - AIMTEC AMEOW10-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AMEOW10-NZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.A
3 of 5
North America only
Typical Applications
+
+
+
+
-
-
Vo1
Vo2
L
N
L
L/N
C1 C2
TVS
RL
RL
C3
C4
It is recommended that the 5V output adds TVS (transient voltage suppressor) to protect adjacent circuits (if device fails), the 12 V output
has TVS protection internally, so not required.
Three phase four wire full wave rectification application:
+
+
-
-
Vo1
Vo2
L
N
+
+
L1
L2
L3
N
FUSE 3.15A
FUSE 3.15A
FUSE 3.15A
FUSE 3.15A
Winding Resistor
5 ~ 10Ω
Winding Resistor
5 ~ 10Ω
Winding Resistor
5 ~ 10Ω
Varistor
911KD20
Capacitor 0.1µF
300VAC Safety X1
Level
Common Mode
Inductor >3mH
Capacitor 0.1µF
300VAC Safety X1
Level
IN4007X2
47
µF
47
µF
560K
560K
560K
560K
Device
Value
C1
220 µF / 10V
C2
0.1 µF / 50V
C3
100µF / 25V
C4
0.1 µF / 50V
TVS
TVS 600W 6.8V UNIDIRECT DO204AC
P6KE6.8A


Similar Part No. - AMEOW10-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEOW10-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_16 Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SCJZ AIMTEC-AME10-3.3SCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com