Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS123 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # DM74LS123
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS123 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  DM74LS123 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 6Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 7Page - Fairchild Semiconductor DM74LS123 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameters
RL = 2 kΩ
Units
From (Input)
CL = 15pF
CL = 15pF
To (Output)
CEXT = 0 pF, REXT = 5 kΩ
CEXT = 1000 pF, REXT = 10 kΩ
Min
Max
Min
Max
tPLH
Propagation Delay Time
A to Q
33
ns
LOW-to-HIGH Level Output
tPLH
Propagation Delay Time
B to Q
44
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to Q
45
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
B to Q
56
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clear to Q
45
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clear to Q
27
ns
HIGH-to-LOW Level Output
tWQ(Min)
Minimum Width of Pulse
A or B to Q
200
ns
at Output Q
tW(out)
Output Pulse Width
A or B to Q
4
5
µs


Similar Part No. - DM74LS123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123M NSC-DM74LS123M Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123N NSC-DM74LS123N Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
More results

Similar Description - DM74LS123

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com