Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS138M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74LS138M
Description  Decoder/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS138M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74LS138M Datasheet HTML 1Page - Fairchild Semiconductor DM74LS138M Datasheet HTML 2Page - Fairchild Semiconductor DM74LS138M Datasheet HTML 3Page - Fairchild Semiconductor DM74LS138M Datasheet HTML 4Page - Fairchild Semiconductor DM74LS138M Datasheet HTML 5Page - Fairchild Semiconductor DM74LS138M Datasheet HTML 6Page - Fairchild Semiconductor DM74LS138M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
DM74LS138 Recommended Operating Conditions
DM74LS138 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 3: All typicals are at VCC = 5V, TA = 25°C.
Note 4: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 5: ICC is measured with all outputs enabled and OPEN.
DM74LS138 Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level Output Voltage
VCC = Min, IOH = Max, VIL = Max, VIH = Min
2.7
3.4
V
VOL
LOW Level
VCC = Min, IOL = Max, VIL = Max, VIH = Min
0.35
0.5
V
Output Voltage
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
IOS
Short Circuit Output Current
VCC = Max (Note 4)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 5)
6.3
10
mA
From (Input)
Levels
RL = 2 kΩ
Symbol
Parameter
To (Output)
of Delay
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Select to Output
2
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
2
27
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Output
3
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
3
27
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
2
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
2
24
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
3
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
3
28
40
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74LS138M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS138M NSC-DM74LS138M Datasheet
165Kb / 8P
   Decoders/Demultiplexers
More results

Similar Description - DM74LS138M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370_06 Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370 MICREL-SY100S370 Datasheet
113Kb / 7P
   UNIVERSAL DEMULTIPLEXER/ DECODER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com