Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQFP-44 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # PQFP-44
Description  A : MIN - MAX 2.70 B : MIN 0.15 MAX 0.35
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

PQFP-44 Datasheet(HTML) 1 Page - Analog Microelectronics

  PQFP-44 Datasheet HTML 1Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PQFP-44
Notes:
1.
JEDEC OUTLINE: MO-108
AA-1
2.
DATUM PLANE H IS LOCATED AT THE
BOTTOM OF THE MOLD PARTING LINE
COINCIDENT WITH WHERE THE LEAD
EXITS THE BODY.
3.
DIMENSIONS D1 AND E1 DO NOT
INCLUDE MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25mm
PER SIDE. DIMENSIONS D1 AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANEH.
4.
DIMENSION b DOES NOT INCLUDE
DAMBAR PROTRUSION.
MIN.
MAX
MIN.
MAX
A
**2.70
**0.1063
A1
0.15
0.35
0.0059
0.0138
A2
1.35
2.20
0.0531
0.0866
b
0.28
0.45
0.0110
0.0177
D
13.00
13.90
BSC
0.5118
0.5472 BSC
D1
9.90
10.10
0.3898
0.3976
E
13.00
13.90
0.5118
0.5472
E1
9.90
10.10
0.3898
0.3976
L
0.73
1.03
0.0287
0.0406
e
C
0.11
0.23
0.0043
0.0091
θº
07
0
7
INCHES
0.031 BSC
SYMBOLS
MILLIMETERS
0.80 BSC


Similar Part No. - PQFP-44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PQFP INTERSIL-PQFP Datasheet
17Kb / 1P
   Metric Plastic Quad Flatpack Packages
logo
STMicroelectronics
PQFP100 STMICROELECTRONICS-PQFP100 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
More results

Similar Description - PQFP-44

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SOT-25 AME-SOT-25 Datasheet
55Kb / 1P
   A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-26 AME-SOT-26 Datasheet
80Kb / 1P
   A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-23 AME-SOT-23 Datasheet
72Kb / 1P
   A : MIN 0.90 MAX 1.40 A1 : MIN 0.00 MAX 0.15
PDIP-8 AME-PDIP-8 Datasheet
53Kb / 1P
   A : MIN 0.13 MAX - B : MIN 6.10 MAX 7.10
TO-252-2 AME-TO-252-2 Datasheet
39Kb / 1P
   A : MIN 0.43 MAX 0.58 B : MIN 1.60 MAX 1.95
SOT-223 AME-SOT-223 Datasheet
81Kb / 1P
   A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
   A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
PDIP-40 AME-PDIP-40 Datasheet
53Kb / 1P
   A : MIN 3.300 MAX 4.200 B : MIN 0.018 MAX 0.570
TO-220-5 AME-TO-220-5 Datasheet
67Kb / 1P
   A : MIN 2.60 MAX 2.89 B : MIN 9.80 MAX 10.40
TO-263-5 AME-TO-263-5 Datasheet
59Kb / 1P
   A : MIN 9.800 MAX 10.668 B : MIN 8.200 MAX 9.169
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com