Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2161WG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2161WG-7
Description  1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2161WG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2161WG-7 Datasheet HTML 1Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 2Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 3Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 4Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 5Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 6Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 7Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 8Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP2161/ AP2171
Document number: DS31564 Rev. 7 - 2
2 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2161/ AP2171
Typical Applications Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
10uF
AP2171 Enable Active High
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit
(typ)
Recommended Maximum Continuous
Load Current
AP2161
1
Active Low
1.5A
1.0A
AP2171
1
Active High
1.5A
1.0A
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8
MSOP-8EP
SOT25
U-DFN2018-6
GND
1
1
2
1
Ground
IN
2, 3
2, 3
5
2
Voltage input pin (all IN pins must be tied together externally)
EN
4
4
4
3
Enable input, active low (AP2161) or active high (AP2171)
FLG
5
5
3
4
Over-current and over-temperature fault report; open-drain flag is active low when
triggered
OUT
6, 7
6, 7
1
5, 6
Voltage output pin (all OUT pins must be tied together externally)
NC
8
8
N/A
N/A
No internal connection; recommend tie to OUT pins
Exposed tab
-
Exposed tab
-
Exposed tab
Exposed pad.
It should be connected to GND and thermal mass for enhanced thermal
impedance. It should not be used as electrical ground conduction path.


Similar Part No. - AP2161WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2161 DIODES-AP2161 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2161D DIODES-AP2161D Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2161D DIODES-AP2161D Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
More results

Similar Description - AP2161WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
logo
Monolithic Power System...
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
   1A Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com