Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2192MPG-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2192MPG-13
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2192MPG-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2192MPG-13 Datasheet HTML 6Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 7Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 8Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 9Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 10Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 11Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 12Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 13Page - Diodes Incorporated AP2192MPG-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP2182/ AP2192
Document number: DS31569 Rev. 7 - 2
10 of 17
www.diodes.com
April 2013
© Diodes Incorporated
AP2182/ AP2192
Typical Performance Characteristics (cont.)
Supply Current, Output Enabled vs Ambient Temperature
27
32
37
42
47
52
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Supply Current, Output Disabled vs Ambient Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Static Drain-Source On-State Resistance vs Ambient
Temperature
80
90
100
110
120
130
140
150
160
170
180
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Short-Circuit Output Current vs Ambient Temperature
2.00
2.10
2.20
2.30
2.40
2.50
2.60
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Undervoltage Lockout vs Ambient Temperature
1.90
1.95
2.00
2.05
2.10
2.15
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Threshold Trip Current vs Input Voltage
3.08
3.10
3.12
3.14
3.16
3.18
3.20
3.22
3.24
2.8
3.3
3.8
4.3
4.8
5.3
Input Voltage (V)
UVLO Falling
UVLO Rising
Vin=2.7V
Vin=3.3V
Vin=5V
Vin=2.7V
Vin=3.3V
Vin=5.0V
Vin=5.5V
TA = +25°C
CL = 68µF
CL=100µF
Vin=2.7V
Vin=5.0V
Vin=3.3V
Vin=5.5V
Vin=5.0V
Vin=5.5V
Vin=3.3V
Vin=2.7V


Similar Part No. - AP2192MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2192 DIODES-AP2192 Datasheet
488Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
AP2192A DIODES-AP2192A Datasheet
772Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
More results

Similar Description - AP2192MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
logo
Monolithic Power System...
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
   3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com