Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7331-28WG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7331-28WG-7
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7331-28WG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7331-28WG-7 Datasheet HTML 2Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 3Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 4Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 5Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 6Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 7Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 8Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 9Page - Diodes Incorporated AP7331-28WG-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP7331
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7331
Document number: DS31914 Rev. 3 - 2
6 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Typical Characteristics (Continued)
Short Circuit vs Input Voltage
80
85
90
95
100
105
110
115
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Current Limit vs Input Voltage
400
450
500
550
600
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Input Voltage (V)
PSRR
35
40
45
50
55
60
65
70
0.1
1
10
100
Frequency (kHz)
PSRR
35
40
45
50
55
60
65
70
0.1
1
10
100
Frequency (kHz)
90°C
-45°C
25°C
C
TA = 25°C
VOUT = 1.8V
VOUT=3.3V
VOUT = 1.8V
VIN = 2.8V
CIN = COUT = 1uF
TA = 25°C
VOUT = 3.3V
VIN = 4.3V
CIN = COUT = 1uF
TA = 25°C


Similar Part No. - AP7331-28WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
More results

Similar Description - AP7331-28WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com